Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 20Page - ATMEL Corporation AT90LS4433 Datasheet HTML 21Page - ATMEL Corporation AT90LS4433 Datasheet HTML 22Page - ATMEL Corporation AT90LS4433 Datasheet HTML 23Page - ATMEL Corporation AT90LS4433 Datasheet HTML 24Page - ATMEL Corporation AT90LS4433 Datasheet HTML 25Page - ATMEL Corporation AT90LS4433 Datasheet HTML 26Page - ATMEL Corporation AT90LS4433 Datasheet HTML 27Page - ATMEL Corporation AT90LS4433 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
24
AT90S/LS4433
1042H–AVR–04/03
Figure 25. MCU Start-up, RESET Tied to V
CC
Figure 26. MCU Start-up, RESET Controlled Externally
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer
than 50 ns will generate a Reset, even if the clock is not running. Shorter pulses are not
guaranteed to generate a Reset. When the applied signal reaches the Reset Threshold
Voltage (V
RST) on its positive edge, the delay timer starts the MCU after the Time-out
period (t
TOUT) has expired.
Figure 27. External Reset during Operation
VCC
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
POT
V
RST
VCC
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
POT
V
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com