Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 18Page - ATMEL Corporation AT90LS4433 Datasheet HTML 19Page - ATMEL Corporation AT90LS4433 Datasheet HTML 20Page - ATMEL Corporation AT90LS4433 Datasheet HTML 21Page - ATMEL Corporation AT90LS4433 Datasheet HTML 22Page - ATMEL Corporation AT90LS4433 Datasheet HTML 23Page - ATMEL Corporation AT90LS4433 Datasheet HTML 24Page - ATMEL Corporation AT90LS4433 Datasheet HTML 25Page - ATMEL Corporation AT90LS4433 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
22
AT90S/LS4433
1042H–AVR–04/03
Figure 24. Reset Logic
Note:
1. The Power-on Reset will not work unless the supply voltage has been below V
POT
(falling).
Table 4. Reset Characteristics (V
CC = 5.0V)
Symbol
Parameter
Min
Typ
Max
Units
V
POT
(1)
Power-on Reset
Threshold
Voltage, rising
1.0
1.4
1.8
V
Power-on Reset
Threshold
Voltage, falling
0.4
0.6
0.8
V
V
RST
RESET Pin
Threshold
Voltage
0.6 V
CC
V
V
BOT
Brown-out Reset
Threshold
Voltage
2.2
(BODLEVEL=1)
2.7
(BODLEVEL=1)
3.0
(BODLEVEL=1)
V
3.5
(BODLEVEL=0)
4.0
(BODLEVEL=0)
4.5
(BODLEVEL=0)
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
Power-on Reset
Circuit
BODEN
BODLEVEL
Delay Counters
CKSEL[2:0]
CK
Full
DATA BUS
Reset Circuit
Watchdog
Timer
On-chip
RC Oscillator
RESET
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com