Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 53Page - ATMEL Corporation AT90LS4433 Datasheet HTML 54Page - ATMEL Corporation AT90LS4433 Datasheet HTML 55Page - ATMEL Corporation AT90LS4433 Datasheet HTML 56Page - ATMEL Corporation AT90LS4433 Datasheet HTML 57Page - ATMEL Corporation AT90LS4433 Datasheet HTML 58Page - ATMEL Corporation AT90LS4433 Datasheet HTML 59Page - ATMEL Corporation AT90LS4433 Datasheet HTML 60Page - ATMEL Corporation AT90LS4433 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
57
AT90S/LS4433
1042H–AVR–04/03
UART Control
UART I/O Data Register – UDR
The UDR Register is actually two physically separate registers sharing the same I/O
address. When writing to the register, the UART Transmit Data Register is written.
When reading from UDR, the UART Receive Data Register is read.
UART Control and Status
Register A – UCSRA
• Bit 7 – RXC: UART Receive Complete
This bit is set (one) when a received character is transferred from the Receiver Shift
Register to UDR. The bit is set regardless of any detected framing errors. When the
RXCIE bit in UCSRB is set, the UART Receive Complete interrupt will be executed
when RXC is set (one). RXC is cleared by reading UDR. When interrupt-driven data
reception is used, the UART Receive Complete Interrupt routine must read UDR in
order to clear RXC, otherwise a new interrupt will occur once the interrupt routine
terminates.
• Bit 6 – TXC: UART Transmit Complete
This bit is set (one) when the entire character (including the stop bit) in the Transmit
Shift Register has been shifted out and no new data has been written to UDR. This flag
is especially useful in half-duplex communications interfaces, where a transmitting appli-
cation must enter Receive mode and free the communications bus immediately after
completing the transmission.
When the TXCIE bit in UCSRB is set, setting of TXC causes the UART Transmit Com-
plete interrupt to be executed. TXC is cleared by hardware when executing the
corresponding interrupt handling vector. Alternatively, the TXC bit is cleared (zero) by
writing a logical “1” to the bit.
• Bit 5 – UDRE: UART Data Register Empty
This bit is set (one) when a character written to UDR is transferred to the Transmit Shift
Register. Setting of this bit indicates that the Transmitter is ready to receive a new char-
acter for transmission.
When the UDRIE bit in UCSRB is set, the UART Transmit Complete interrupt to be exe-
cuted as long as UDRE is set. UDRE is cleared by writing UDR. When interrupt-driven
data transmittal is used, the UART Data Register Empty Interrupt routine must write
UDR in order to clear UDRE, otherwise a new interrupt will occur once the interrupt rou-
tine terminates.
UDRE is set (one) during reset to indicate that the transmitter is ready.
Bit
7654
321
0
$0C ($2C)
MSB
LSB
UDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
$0B ($2B)
RXC
TXC
UDRE
FE
OR
–
–
MPCM
UCSRA
Read/Write
R
R/W
R
R
R
R
R
R/W
Initial Value
0010
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com