Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 28Page - ATMEL Corporation AT90LS4433 Datasheet HTML 29Page - ATMEL Corporation AT90LS4433 Datasheet HTML 30Page - ATMEL Corporation AT90LS4433 Datasheet HTML 31Page - ATMEL Corporation AT90LS4433 Datasheet HTML 32Page - ATMEL Corporation AT90LS4433 Datasheet HTML 33Page - ATMEL Corporation AT90LS4433 Datasheet HTML 34Page - ATMEL Corporation AT90LS4433 Datasheet HTML 35Page - ATMEL Corporation AT90LS4433 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
32
AT90S/LS4433
1042H–AVR–04/03
Idle Mode
When the SM bit is cleared (zero), the SLEEP instruction forces the MCU into the Idle
mode stopping the CPU but allowing Timer/Counters, Watchdog and the interrupt sys-
tem to continue operating. This enables the MCU to wake up from external triggered
interrupts as well as internal ones like Timer Overflow interrupt and Watchdog Reset. If
wake-up from the Analog Comparator interrupt is not required, the Analog Comparator
can be powered down by setting the ACD bit in the Analog Comparator Control and Sta-
tus Register (ACSR). This will reduce power consumption in Idle mode.
Power-down Mode
When the SM bit is set (one), the SLEEP instruction forces the MCU into the Power-
down mode. In this mode, the External Oscillator is stopped while the external interrupts
and the Watchdog (if enabled) continue operating. Only an External Reset, a Watchdog
Reset (if enabled) or an external level interrupt can wake up the MCU.
Note that if a level-triggered interrupt is used for wake-up from Power-down mode, the
changed level must be held for a time to wake up the MCU. This makes the MCU less
sensitive to noise. The Wake-up period is equal to the clock-counting part of the Reset
period (see Table 5). The MCU will wake up from Power-down if the input has the
required level for two Watchdog Oscillator cycles. If the wake-up period is shorter than
two Watchdog Oscillator cycles, the MCU will wake up if the input has the required level
for the duration of the Wake-up period. If the wake-up condition disappears before the
wake-up period has expired, the MCU will wake up from Power-down without executing
the corresponding interrupt.
The period of the Watchdog Oscillator is 2.7 µs (nominal) at 3.0V and 25
°C. The fre-
quency of the Watchdog Oscillator is voltage dependent as shown in the Electrical
Characteristics section.
When waking up from Power-down mode, a delay from the wake-up condition occurs
until the wake-up becomes effective. This allows the clock to restart and become stable
after having been stopped. The wake-up period is defined by the same CKSEL Fuses
that define the Reset Time-out period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com