Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 95Page - ATMEL Corporation AT90LS4433 Datasheet HTML 96Page - ATMEL Corporation AT90LS4433 Datasheet HTML 97Page - ATMEL Corporation AT90LS4433 Datasheet HTML 98Page - ATMEL Corporation AT90LS4433 Datasheet HTML 99Page - ATMEL Corporation AT90LS4433 Datasheet HTML 100Page - ATMEL Corporation AT90LS4433 Datasheet HTML 101Page - ATMEL Corporation AT90LS4433 Datasheet HTML 102Page - ATMEL Corporation AT90LS4433 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 126 page
background image
99
AT90S/LS4433
1042H–AVR–04/03
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low (logical “0”).
2. “Min” means the lowest value where the pin is guaranteed to be read as high (logical “1”).
3. Although each I/O port can sink more than the test conditions (20 mA at V
CC = 5.0V, 10 mA at VCC = 3.0V) under steady-
state conditions (non-transient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 300 mA.
2] The sum of all I
OL, for ports C0 - C5, should not exceed 100 mA.
3] The sum of all IOL, for ports B0 - B5, D0 - D7 and XTAL2, should not exceed 200 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (3 mA at VCC = 5.0V, 1.5 mA at VCC = 3.0V) under steady-
state conditions (non-transient), the following must be observed:
1] The sum of all I
OH, for all ports, should not exceed 300 mA.
2] The sum of all IOH, for ports C0 - C5, should not exceed 100 mA.
3] The sum of all IOH, for ports B0 - B5, D0 - D7 and XTAL2, should not exceed 200 mA.
If I
OH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. Minimum V
CC for Power-down is 2.0V.
VACIO
Analog Comparator Input
Offset Voltage
V
CC = 5.0V
V
in = VCC/2
40.0
mV
IACLK
Analog Comparator Input
Leakage A
VCC = 5.0V
V
in = VCC/2
-50.0
50.0
nA
tACPD
Analog Comparator
Propagation Delay
VCC = 2.7V
V
CC = 4.0V
750.0
500.0
ns
DC Characteristics (Continued)
T
A = -40°C to 85°C, VCC = 2.7V to 6.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com