Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90LS4433 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 62Page - ATMEL Corporation AT90LS4433 Datasheet HTML 63Page - ATMEL Corporation AT90LS4433 Datasheet HTML 64Page - ATMEL Corporation AT90LS4433 Datasheet HTML 65Page - ATMEL Corporation AT90LS4433 Datasheet HTML 66Page - ATMEL Corporation AT90LS4433 Datasheet HTML 67Page - ATMEL Corporation AT90LS4433 Datasheet HTML 68Page - ATMEL Corporation AT90LS4433 Datasheet HTML 69Page - ATMEL Corporation AT90LS4433 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 126 page
background image
66
AT90S/LS4433
1042H–AVR–04/03
keeps running for as long as the ADEN bit is set and is continuously reset when ADEN
is low.
When initiating a conversion by setting the ADSC bit in ADCSR, the conversion starts at
the following rising edge of the ADC clock cycle. The actual sample-and-hold takes
place 1.5 ADC clock cycles after the start of the conversion. The result is ready and writ-
ten to the ADC Result Register after 13 cycles. In Single Conversion mode, the ADC
needs one more clock cycle before a new conversion can be started (see Figure 47). If
ADSC is set high in this period, the ADC will start the new conversion immediately. In
Free Run mode, a new conversion will be started immediately after the result is written
to the ADC Result Register. Using Free Run mode and an ADC clock frequency of 200
kHz gives the lowest conversion time, 65 µs, equivalent to 15.4 kSPS. For a summary of
conversion times, see Table 21.
Figure 46. ADC Timing Diagram, First Conversion (Single Conversion Mode)
MSB of Result
LSB of Result
ADC Clock
ADSC
Hold Strobe
ADIF
ADCH
ADCL
Cycle Number
ADEN
1
212
13
14
15
16
17
18
19
20
21
22
23
24
25
26
1
2
Dummy Conversion
Actual Conversion
Second
Conversion
Table 21. ADC Conversion Time
Condition
Sample Cycle
Number
Result
Ready(Cycle Number)
Total Conversion
Time (Cycles)
Total Conversion
Time (µs)
1st Conversion, Free Run
13.5
25
25
125 - 500
1st Conversion, Single
13.5
25
26
130 - 520
Free Run Conversion
1.5
13
13
65 - 260
Single Conversion
1.5
13
14
70 - 280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com