Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674 Datasheet(PDF) 16 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6674 Datasheet HTML 12Page - Analog Devices AD6674 Datasheet HTML 13Page - Analog Devices AD6674 Datasheet HTML 14Page - Analog Devices AD6674 Datasheet HTML 15Page - Analog Devices AD6674 Datasheet HTML 16Page - Analog Devices AD6674 Datasheet HTML 17Page - Analog Devices AD6674 Datasheet HTML 18Page - Analog Devices AD6674 Datasheet HTML 19Page - Analog Devices AD6674 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
AD6674
Data Sheet
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
500
400
300
200
100
AIN1 AND AIN2 = –7dBFS
SFDR = 88dBFS
IMD2 = 93dBFS
IMD3 = 88dBFS
BUFFER CONTROL 1 = 4.5×
Figure 18. Two-Tone FFT; fIN1 = 338 MHz, fIN2 = 341 MHz
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
INPUT AMPLITUDE (dBFS)
–140
–120
–100
–80
–60
–40
–20
20
0
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBc)
Figure 19. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184 MHz and fIN2 = 187 MHz
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
INPUT AMPLITUDE (dBFS)
–140
–120
–100
–80
–60
–40
–20
20
0
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 20. Two-Tone IMD3/SFDR vs. Input Amplitude (AIN) with fIN1 = 338 MHz
and fIN2 = 341 MHz
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
0
INPUT AMPLITUDE (dBFS)
–20
–10
0
10
110
100
90
80
70
60
50
40
30
20
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 21. SNR/SFDR vs. Input Amplitude (AIN), fIN = 170.3 MHz
TEMPERATURE (°C)
0
10
90
80
70
60
50
40
30
20
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
SFDR
SNR
Figure 22. SNR/SFDR vs. Temperature, fIN = 170.3 MHz
2.9
3.0
3.1
SAMPLE RATE (MSPS)
3.2
3.3
3.4
3.5
L = 4
M = 2
F = 1
Figure 23. Power Dissipation vs. Sampel Rate (fS) (Default SPI)
Rev. B | Page 16 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com