Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6674 Datasheet HTML 28Page - Analog Devices AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices AD6674 Datasheet HTML 34Page - Analog Devices AD6674 Datasheet HTML 35Page - Analog Devices AD6674 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
AD6674
Data Sheet
1
10
100
1000
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
10 BITS
16 BITS
14 BITS
12 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
ANALOG INPUT FREQUENCY (MHz)
Figure 91. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD6674. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime it using the original clock at
the last step. See the AN-501 Application Note and the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs.
Figure 92 shows the estimated SNR of the AD6674-1000 across
input frequency for different clock induced jitter values. The
SNR can be estimated by using the following equation:
 −
+
 −
=
10
10
10
10
10log
(dBFS)
JITTER
ADC
SNR
SNR
SNR
INPUT FREQUENCY (Hz)
45
50
55
60
65
70
10M
100M
1G
10G
25fs
50fs
75fs
100fs
125fs
150fs
175fs
200fs
Figure 92. Estimated SNR Degradation for the AD6674-1000 vs.
Input Frequency and Jitter
POWER-DOWN/STANDBY MODE
The AD6674 has a PDWN/STBY pin that can be used to
configure the device in power-down or standby mode. The
default operation is the PDWN function. The PDWN/STBY pin
is a logic high pin. When in power-down mode, the JESD204B
link is disrupted. The power-down option can also be set via
Register 0x03F and Register 0x040.
In standby mode, the JESD204B link is not disrupted and
transmits zeros for all converter samples. This can be changed
using Register 0x571[7] to select /K/ characters.
TEMPERATURE DIODE
The AD6674 contains a diode-based temperature sensor for
measuring the temperature of the die. This diode outputs a
voltage and serve as a coarse temperature sensor to monitor the
internal die temperature.
The temperature diode voltage can be output to the FD_A pin
using the SPI. Use Register 0x028[0] to enable or disable the
diode. Register 0x028 is a local register. Channel A must be
selected in the device index register (Register 0x008) to enable
the temperature diode readout. Configure the FD_A pin to
output the diode voltage by programming Register 0x040[2:0].
See Table 45 for more information.
The voltage response of the temperature diode (with SPIVDD =
1.8 V) is shown in Figure 93.
TEMPERATURE (°C)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115 125
Figure 93. Temperature Diode Voltage vs. Temperature
Rev. B | Page 32 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com