Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674 Datasheet(PDF) 31 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6674 Datasheet HTML 27Page - Analog Devices AD6674 Datasheet HTML 28Page - Analog Devices AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices AD6674 Datasheet HTML 34Page - Analog Devices AD6674 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
Data Sheet
AD6674
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD6674 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled to the CLK+ and CLK− pins via a
transformer or clock drivers. These pins are biased internally
and require no additional biasing.
Figure 87 shows one preferred method for clocking the
AD6674. The low jitter clock source is converted from a single-
ended signal to a differential signal using an RF transformer.
ADC
CLK+
CLK–
0.1µF
0.1µF
100Ω
50Ω
CLOCK
INPUT
1:1Z
Figure 87. Transformer Coupled Differential Clock
Another option is to ac couple a differential CML or LVDS
signal to the sample clock input pins as shown in Figure 88 and
Figure 89.
ADC
CLK+
CLK–
0.1µF
0.1µF
Z0 = 50Ω
Z0 = 50Ω
33Ω
33Ω
71Ω
10pF
3.3V
Figure 88. Differential CML Sample Clock
ADC
CLK+
CLK–
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
50Ω1
100Ω
CLOCK INPUT
LVDS
DRIVER
CLK+
CLK–
1
50Ω RESISTORS ARE OPTIONAL.
CLOCK INPUT
Figure 89. Differential LVDS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics. In applications where the clock
duty cycle cannot be guaranteed to be 50%, a higher multiple
frequency clock can be supplied to the AD6674. For example,
the AD6674-1000 can be clocked at 2 GHz with the internal
clock divider set to 2. This ensures a 50% duty cycle, high slew
rate internal clock for the ADC. See the Memory Map section
for more details on using this feature.
Input Clock Divider
The AD6674 contains an input clock divider with the ability to
divide the Nyquist input clock by 1, 2, 4, or 8. The divide ratios can
be selected using Register 0x10B. This is shown in Figure 90.
The maximum frequency at the output of the divider is 1.0 GHz.
The maximum frequency at the CLK± inputs is 4 GHz. This is
the limit of the divider. In applications where the clock input is
a multiple of the sample clock, take care to program the
appropriate divider ratio into the clock divider before applying
the clock signal. This ensures that the current transients during
device startup are controlled.
CLK+
CLK–
÷2
÷4
REG 0x10B
÷8
Figure 90. Clock Divider Circuit
The AD6674 clock divider can be synchronized using the
external SYSREF± input. A valid SYSREF± causes the clock
divider to reset to a programmable state. This feature is enabled
by setting Bit 7 of Register 0x10D. This synchronization feature
allows multiple devices to have their clock dividers aligned to
guarantee simultaneous input sampling.
Input Clock Divider ½ Period Delay Adjustment
The input clock divider inside the AD6674 provides phase delay
in increments of ½ the input clock cycle. Program Register 0x10C
to enable this delay independently for each channel. Changing
the register does not affect the stability of the JESD204B link.
Clock Fine Delay Adjustment
Adjust the AD6674 sampling edge instant by writing to
Register 0x117 and Register 0x118. Setting Bit 0 of Register 0x117
enables the feature, and Register 0x118, Bits[7:0], set the value
of the delay. This value can be programmed individually for
each channel. The clock delay can be adjusted from −151.7 ps to
+150 ps in ~1.7 ps increments. The clock delay adjustment takes
effect immediately when it is enabled via SPI writes. Enabling the
clock fine delay adjustment in Register 0x117 causes a datapath
reset. However, the contents of Register 0x118 can be changed
without affecting the stability of the JESD204B link.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) is calculated by
SNR = 20 × log 10(2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter specifications. IF
undersampling applications are particularly sensitive to jitter
(see Figure 91).
Rev. B | Page 31 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com