Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6674 Datasheet HTML 25Page - Analog Devices AD6674 Datasheet HTML 26Page - Analog Devices AD6674 Datasheet HTML 27Page - Analog Devices AD6674 Datasheet HTML 28Page - Analog Devices AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
Data Sheet
AD6674
Table 10. AD6674 Performance Optimization for Input Frequencies
Product
Frequency
(MHz)
Buffer
Control 1
(0x018)
Buffer
Control 2
(0x019)
Buffer
Control 3
(0x01A)
Buffer
Control 4
(0x11A)
Buffer
Control 5
(0x935)
Input
Full-Scale
Control
(0x030)
Input
Full-Scale
Range
(0x025)
Input
Capacitance
(0x934)
Input
Termination
(0x016)1
AD6674-500
DC to 250
0x20
(2.0×)
0x60
(Setting 3)
0x0A
(Setting 3)
0x00 (off)
0x04 (on)
0x04
0x0C
(2.06 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
250 to 500
0x70
(4.5×)
0x60
(Setting 3)
0x0A
(Setting 3)
0x00 (off)
0x04 (on)
0x04
0x0C
(2.06 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
500 to 1000
0x80
(5.0×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F/0x002
0x0C/0x1C/
0x2C/0x6C
1000 to 2000
0xF0
(8.5×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F/0x002
0x0C/0x1C/
0x2C/0x6C
AD6674-750
DC to 200
0x20
(2.0×)
0x40
(Setting 1)
0x09
(Setting 2)
0x00 (off)
0x04 (on)
0x14
0x0A
(1.70 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
DC to 375
0x40
(3.0×)
0x40
(Setting 1)
0x09
(Setting 2)
0x00 (off)
0x04 (on)
0x14
0x0A
(1.70 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
200 to 500
0x70
(4.5×)
0x40
(Setting 1)
0x09
(Setting 2)
0x00 (off)
0x04 (on)
0x14
0x0A
(1.70 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
375 to 750
0xA0
(6.0×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
500 to 750
0xD0
(7.5×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F
0x0C/0x1C/
0x2C/0x6C
750 to 1000
0xF0
(8.5×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F/0x002
0x0C/0x1C/
0x2C/0x6C
1000 to 2000
0xF0
(8.5×)
0x40
(Setting 1)
0x08
(Setting 1)
0x00 (off)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F/0x002
0x0C/0x1C/
0x2C/0x6C
AD6674-1000
DC to 150
0x10
(1.5×)
0x50
(Setting 2)
0x09
(Setting 2)
0x00 (off)
0x04 (on)
0x18
0x0A
(1.70 V p-p)
0x1F
0x0E/0x1E/
0x2E/0x6E
DC to 500
0x40
(3.0×)
0x50
(Setting 2)
0x09
(Setting 2)
0x00 (off)
0x04 (on)
0x18
0x0A
(1.70 V p-p)
0x1F
0x0E/0x1E/
0x2E/0x6E
500 to 1000
0xA0
(6.0×)
0x60
(Setting 3)
0x09
(Setting 2)
0x20 (on)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F/0x002
0x0E/0x1E/
0x2E/0x6E
1000 to 2000
0xD0
(7.5×)
0x70
(Setting 4)
0x09
(Setting 2)
0x20 (on)
0x00 (off)
0x18
0x08
(1.46 V p-p)
0x1F/0x002
0x0E/0x1E/
0x2E/0x6E
1
The input termination can be changed to accommodate the application with little or no impact to ac performance.
2
The input capacitance can be set to 1.5 pF to achieve wider input bandwidth but results in slightly lower linearity and noise performance.
Rev. B | Page 29 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com