Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6674 Datasheet HTML 14Page - Analog Devices AD6674 Datasheet HTML 15Page - Analog Devices AD6674 Datasheet HTML 16Page - Analog Devices AD6674 Datasheet HTML 17Page - Analog Devices AD6674 Datasheet HTML 18Page - Analog Devices AD6674 Datasheet HTML 19Page - Analog Devices AD6674 Datasheet HTML 20Page - Analog Devices AD6674 Datasheet HTML 21Page - Analog Devices AD6674 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
AD6674
Data Sheet
FREQUENCY (MHz)
–140
–120
–100
–80
–60
–40
–20
0
0
375
300
225
150
75
350
275
200
125
50
325
250
175
100
25
AIN = −1dBFS
SNR = 62.3dBFS
ENOB = 9.8 BITS
SFDR = 68dBFS
BUFFER CONTROL 1 = 8.5×
Figure 30. Single Tone FFT with fIN = 1310.3 MHz
FREQUENCY (MHz)
–140
–120
–100
–80
–60
–40
–20
0
0
375
300
225
150
75
350
275
200
125
50
325
250
175
100
25
AIN = −1dBFS
SNR = 60.5dBFS
ENOB = 9.6 BITS
SFDR = 71dBFS
BUFFER CONTROL 1 = 8.5×
Figure 31. Single Tone FFT with fIN = 1710.3 MHz
FREQUENCY (MHz)
–140
–120
–100
–80
–60
–40
–20
0
0
375
300
225
150
75
350
275
200
125
50
325
250
175
100
25
AIN = −1dBFS
SNR = 59.8dBFS
ENOB = 9.5 BITS
SFDR = 68dBFS
BUFFER CONTROL 1 = 8.5×
Figure 32. Single Tone FFT with fIN = 1950.3 MHz
SAMPLE RATE (MSPS)
65
70
75
80
85
90
95
525
800
775
750
725
700
675
650
625
600
575
550
SNR
SFDR
Figure 33. SNR/SFDR vs. Sample Rate (fS); fIN = 170.3 MHz,
Buffer Control 1 = 3.0×
FREQUENCY (MHz)
60
65
70
75
80
85
90
100
95
0
50
100
150
200
250
300
350
400
450
500
SFDR
SNR
Figure 34. SNR/SFDR vs. Analog Input Frequency (fIN);
fIN < 500 MHz; Buffer Control 1 = 3.0×
FREQUENCY (MHz)
–140
–120
–100
–80
–60
–40
–20
0
0
375
300
225
150
75
350
275
200
125
50
325
250
175
100
25
AIN1 AND AIN2 = −7dBFS
SFDR = 81dBFS
IMD2 = 86dBc
IMD3 = 81dBc
BUFFER CONTROL 1 = 3.0×
Figure 35. Two-Tone FFT; fIN1 = 184 MHz, fIN2 = 187 MHz
Rev. B | Page 18 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com