Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6674 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6674
Description  385 MHz BW IF Diversity Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6674 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6674 Datasheet HTML 29Page - Analog Devices AD6674 Datasheet HTML 30Page - Analog Devices AD6674 Datasheet HTML 31Page - Analog Devices AD6674 Datasheet HTML 32Page - Analog Devices AD6674 Datasheet HTML 33Page - Analog Devices AD6674 Datasheet HTML 34Page - Analog Devices AD6674 Datasheet HTML 35Page - Analog Devices AD6674 Datasheet HTML 36Page - Analog Devices AD6674 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
Data Sheet
AD6674
ADC OVERRANGE AND FAST DETECT
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overrange bit in the JESD204B outputs provides
information on the state of the analog input that is of limited
usefulness. Therefore, it is helpful to have a programmable
threshold below full scale that allows time to reduce the gain
before the clip actually occurs. In addition, because input
signals can have significant slew rates, the latency of this
function is of major concern. Highly pipelined converters can
have significant latency. The AD6674 contains fast detect
circuitry for individual channels to monitor the threshold and
assert the FD_A and FD_B pins.
ADC OVERRANGE (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange indicator can
be embedded within the JESD204B link as a control bit (when
CSB > 0). The latency of this overrange indicator matches the
sample latency.
The AD6674 constantly monitors the analog input level and
records any overrange condition in any of the eight virtual
converters. For more information on the virtual converters,
refer to Figure 99. The overrange status of each virtual converter
is registered as a sticky bit (that is, it is set until cleared) in
Register 0x563. Clear the contents of Register 0x563 using
Register 0x562 by toggling the bits corresponding to the virtual
converter to set and reset the position.
FAST THRESHOLD DETECTION (FD_A AND FD_B)
The fast detect (FD) bit (enabled in the control bits via
Register 0x559 and Register 0x55A) is immediately set
whenever the absolute value of the input signal exceeds the
programmable upper threshold level. The FD bit is only cleared
when the absolute value of the input signal drops below the
lower threshold level for greater than the programmable dwell
time. This provides hysteresis and prevents the FD bit from
excessively toggling.
The operation of the upper threshold and lower threshold registers,
along with the dwell time registers, is shown in Figure 94.
The FD_x indicator is asserted if the input magnitude exceeds
the value programmed in the fast detect upper threshold registers,
located in Register 0x247 and Register 0x248. The selected
threshold register is compared with the signal magnitude at the
output of the ADC. The fast upper threshold detection has a
latency of 28. The approximate upper threshold magnitude is
defined by
Upper Threshold Magnitude (dBFS) = 20 log (Threshold
Magnitude/213)
The FD_x indicators are not cleared until the signal drops
below the lower threshold for the programmed dwell time. The
lower threshold is programmed in the fast detect lower thresh-
old registers, located in Register 0x249 and Register 0x24A. The
fast detect lower threshold register is a 13-bit register that is
compared with the signal magnitude at the output of the ADC.
This comparison is subject to the ADC pipeline latency but is
accurate in terms of converter resolution. The lower threshold
magnitude is defined by
Lower Threshold Magnitude (dBFS) = 20 log (Threshold
Magnitude/213)
For example, to set an upper threshold of −6 dBFS, write
0x0FFF to Register 0x247 and Register 0x248; and to set a lower
threshold of −10 dBFS, write 0x0A1D to Register 0x249 and
Register 0x24A.
The dwell time can be programmed from 1 to 65,535 sample
clock cycles by placing the desired value in the fast detect dwell
time registers, located in Register 0x24B and Register 0x24C.
See the Memory Map section (Register 0x245 to Register 0x24C in
Table 45) for more details.
UPPER THRESHOLD
LOWER THRESHOLD
FD_A OR FD_B
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 94. Threshold Settings for FD_A and FD_B Signals
Rev. B | Page 33 of 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com