Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 36 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 36 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 32Page - Motorola, Inc DSP56362AD Datasheet HTML 33Page - Motorola, Inc DSP56362AD Datasheet HTML 34Page - Motorola, Inc DSP56362AD Datasheet HTML 35Page - Motorola, Inc DSP56362AD Datasheet HTML 36Page - Motorola, Inc DSP56362AD Datasheet HTML 37Page - Motorola, Inc DSP56362AD Datasheet HTML 38Page - Motorola, Inc DSP56362AD Datasheet HTML 39Page - Motorola, Inc DSP56362AD Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 168 page
background image
1-28
DSP56362 Advance Information
MOTOROLA
Signal/Connection Descriptions
Digital Audio Interface (DAX)
DIGITAL AUDIO INTERFACE (DAX)
Table 1-12 Digital Audio Interface (DAX) Signals
Signal
Name
Type
State During
Reset
Signal Description
ACI
PD0
Input
Input,
output, or
disconnected
Disconnecte
d
Audio Clock Input—This is the DAX clock input. When
programmed to use an external clock, this input supplies
the DAX clock. The external clock frequency must be
256, 384, or 512 times the audio sampling frequency
(256
× Fs, 384 × Fs or 512 × Fs, respectively).
Port D 0—When the DAX is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
ADO
PD1
Output
Input,
output, or
disconnected
Disconnecte
d
Digital Audio Data Output—This signal is an audio and
non-audio output in the form of AES/EBU, CP340 and
IEC958 data in a biphase mark format.
Port D 1—When the DAX is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com