Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 9 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 9 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 5Page - Motorola, Inc DSP56362AD Datasheet HTML 6Page - Motorola, Inc DSP56362AD Datasheet HTML 7Page - Motorola, Inc DSP56362AD Datasheet HTML 8Page - Motorola, Inc DSP56362AD Datasheet HTML 9Page - Motorola, Inc DSP56362AD Datasheet HTML 10Page - Motorola, Inc DSP56362AD Datasheet HTML 11Page - Motorola, Inc DSP56362AD Datasheet HTML 12Page - Motorola, Inc DSP56362AD Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 168 page
background image
MOTOROLA
DSP56362 Advance Information
1-1
SECTION 1
SIGNAL/CONNECTION DESCRIPTIONS
SIGNAL GROUPINGS
The input and output signals of the DSP56362 are organized into functional groups, which are listed in
Table 1-1 and illustrated in Figure 1-1.
The DSP56362 is operated from a 3.3 V supply; however, some of the inputs can tolerate 5 V. A special
notice for this feature is added to the signal descriptions of those inputs.
Table 1-1 DSP56362 Functional Signal Groupings
Functional Group
Number of
Signals
Detailed
Description
Power (VCC)
20
Table 1-2
Ground (GND)
19
Table 1-3
Clock and PLL
4
Table 1-4
Address bus
Port A1
18
Table 1-5
Data bus
24
Table 1-6
Bus control
11
Table 1-7
Interrupt and mode control
5
Table 1-8
HDI08
Port B2
16
Table 1-9
SHI
5
Table 1-10
ESAI
Port C3
12
Table 1-11
Digital audio transmitter (DAX)
Port D4
2
Table 1-12
Timer
1
Table 1-13
JTAG/OnCE Port
6
Table 1-14
Port A is the external memory interface port, including the external address bus, data bus, and
control signals.
Port B signals are the GPIO port signals which are multiplexed with the HDI08 signals.
Port C signals are the GPIO port signals which are multiplexed with the ESAI signals.
Port D signals are the GPIO port signals which are multiplexed with the DAX signals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com