Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 29 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 29 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 25Page - Motorola, Inc DSP56362AD Datasheet HTML 26Page - Motorola, Inc DSP56362AD Datasheet HTML 27Page - Motorola, Inc DSP56362AD Datasheet HTML 28Page - Motorola, Inc DSP56362AD Datasheet HTML 29Page - Motorola, Inc DSP56362AD Datasheet HTML 30Page - Motorola, Inc DSP56362AD Datasheet HTML 31Page - Motorola, Inc DSP56362AD Datasheet HTML 32Page - Motorola, Inc DSP56362AD Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 168 page
background image
Signal/Connection Descriptions
Serial Host Interface
MOTOROLA
DSP56362 Advance Information
1-21
HREQ
Input or
Output
Tri-stated
Host Request—This signal is an active low
Schmitt-trigger input when configured for the
master mode but an active low output when
configured for the slave mode.
When configured for the slave mode, HREQ is
asserted to indicate that the SHI is ready for the
next data word transfer and deasserted at the first
clock pulse of the new data word transfer. When
configured for the master mode, HREQ is an input.
When asserted by the external slave device, it will
trigger the start of the data word transfer by the
master. After finishing the data word transfer, the
master will await the next assertion of HREQ to
proceed to the next transfer.
This signal is tri-stated during hardware, software,
personal reset, or when the HREQ1–HREQ0 bits in
the HCSR are cleared. There is no need for
external pull-up in this state.
This input is 5 V tolerant.
Table 1-10 Serial Host Interface Signals (Continued)
Signal Name
Signal Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com