Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 87 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 87 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 83Page - Motorola, Inc DSP56362AD Datasheet HTML 84Page - Motorola, Inc DSP56362AD Datasheet HTML 85Page - Motorola, Inc DSP56362AD Datasheet HTML 86Page - Motorola, Inc DSP56362AD Datasheet HTML 87Page - Motorola, Inc DSP56362AD Datasheet HTML 88Page - Motorola, Inc DSP56362AD Datasheet HTML 89Page - Motorola, Inc DSP56362AD Datasheet HTML 90Page - Motorola, Inc DSP56362AD Datasheet HTML 91Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
Specifications
External Memory Expansion Port (Port A)
MOTOROLA
DSP56362 Advance Information
2-49
Figure 2-24 Bus Release Timings Case 2 (BRT Bit in OMR Set)
Table 2-19 Asynchronous Bus Arbitration timing
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
250
BB assertion window from BG
input negation.
2 .5* Tc + 5
—
20
ns
251
Delay from BB assertion to BG
assertion
2 * Tc + 5
20
—
ns
Comments:
1.
Bit 13 in the OMR register must be set to enter Asynchro-
nous Arbitration mode
2.
At 100 MHz it is recommended to use Asynchronous Arbi-
tration mode.
3.
If Asynchronous Arbitration mode is active, none of the tim-
ings in
Table 2-19 is required.
4.
In order to guarantee timings 250, and 251, it is recommend-
ed to assert BG inputs to different 56300 devices (on the
same bus) in a non overlap manner as shown in
Figure
2-25.
A0–A17
BB
AA0–AA3
CLKOUT
BR
BG
RD, WR
223
218
219
214
212
213
221
224
AA0483
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com