Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 30 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 30 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 26Page - Motorola, Inc DSP56362AD Datasheet HTML 27Page - Motorola, Inc DSP56362AD Datasheet HTML 28Page - Motorola, Inc DSP56362AD Datasheet HTML 29Page - Motorola, Inc DSP56362AD Datasheet HTML 30Page - Motorola, Inc DSP56362AD Datasheet HTML 31Page - Motorola, Inc DSP56362AD Datasheet HTML 32Page - Motorola, Inc DSP56362AD Datasheet HTML 33Page - Motorola, Inc DSP56362AD Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 168 page
background image
1-22
DSP56362 Advance Information
MOTOROLA
Signal/Connection Descriptions
Enhanced Serial Audio Interface
ENHANCED SERIAL AUDIO INTERFACE
Table 1-11 Enhanced Serial Audio Interface Signals
Signal
Name
Signal Type
State during
Reset
Signal Description
HCKR
PC2
Input or output
Input, output,
or
disconnected
GPIO
disconnected
High Frequency Clock for Receiver—When
programmed as an input, this signal provides a high
frequency clock source for the ESAI receiver as an
alternate to the DSP core clock. When programmed
as an output, this signal can serve as a high-
frequency sample clock (e.g., for external digital to
analog converters [DACs]) or as an additional
system clock.
Port C 2—When the ESAI is configured as GPIO,
this signal is individually programmable as input,
output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
HCKT
PC5
Input or output
Input, output,
or
disconnected
GPIO
disconnected
High Frequency Clock for Transmitter—When
programmed as an input, this signal provides a high
frequency clock source for the ESAI transmitter as
an alternate to the DSP core clock. When
programmed as an output, this signal can serve as a
high frequency sample clock (e.g., for external
DACs) or as an additional system clock.
Port C 5—When the ESAI is configured as GPIO,
this signal is individually programmable as input,
output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com