Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 41 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 41 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 37Page - Motorola, Inc DSP56362AD Datasheet HTML 38Page - Motorola, Inc DSP56362AD Datasheet HTML 39Page - Motorola, Inc DSP56362AD Datasheet HTML 40Page - Motorola, Inc DSP56362AD Datasheet HTML 41Page - Motorola, Inc DSP56362AD Datasheet HTML 42Page - Motorola, Inc DSP56362AD Datasheet HTML 43Page - Motorola, Inc DSP56362AD Datasheet HTML 44Page - Motorola, Inc DSP56362AD Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 168 page
background image
Specifications
DC Electrical Characteristics
MOTOROLA
DSP56362 Advance Information
2-3
DC ELECTRICAL CHARACTERISTICS
Table 2-3 DC Electrical Characteristics6
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
3.14
3.3
3.46
V
Input high voltage
V
• D(0:23), BG, BB, TA, DE, and PINIT/
NMI
VIH
2.0
—
VCC
•MOD1/IRQ1, RESET, and TCK/TDI/
TMS/TRST/ESAI/Timer/HDI08/
SHI(SPI mode) pins
VIHP
2.0
—
VCC + 3.95
•SHI(I2C mode) pins
1.5
VCC + 3.95
• EXTAL8
VIHX
0.8
ξ VCC
—VCC
Input low voltage
V
• D(0:23), BG, BB, TA, MOD1/IRQ1,
RESET, PINIT/NMI
VIL
–0.3
—
0.8
• All JTAG/ESAI/Timer/HDI08/ SHI(SPI
mode) pins
VILP
–0.3
—
0.8
•SHI(I2C mode) pins
–0.3
—
0.3
× VCC
• EXTAL8
VILX
–0.3
0.2
ξ VCC
Input leakage current
IIN
–10
—
10
µA
High impedance (off-state) input current
(@ 2.4 V / 0.4 V)
ITSI
–10
—
10
µA
Output high voltage
• TTL (IOH = –0.4 mA)
5,7
VOH
2.4
—
V
•CMOS (IOH = –10 µιχροA)
5
VCC – 0.01
—
—
Output low voltage
• TTL (IOL = 3.0 mA, open-drain pins
IOL = 6.7 mA)
5,7
VOL
——
0.4
V
•CMOS (IOL = 10 µιχροA)
5
0.01
Internal supply current2:
(Operating frequency 100MHz for
current measurements)
• In Normal mode
ICCI
—
127
181
mA
• In Wait mode
ICCW
—7. 5
11
mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com