Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 14 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 14 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 10Page - Motorola, Inc DSP56362AD Datasheet HTML 11Page - Motorola, Inc DSP56362AD Datasheet HTML 12Page - Motorola, Inc DSP56362AD Datasheet HTML 13Page - Motorola, Inc DSP56362AD Datasheet HTML 14Page - Motorola, Inc DSP56362AD Datasheet HTML 15Page - Motorola, Inc DSP56362AD Datasheet HTML 16Page - Motorola, Inc DSP56362AD Datasheet HTML 17Page - Motorola, Inc DSP56362AD Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 168 page
background image
1-6
DSP56362 Advance Information
MOTOROLA
Signal/Connection Descriptions
External Memory Expansion Port (Port A)
External Address Bus
External Data Bus
External Bus Control
Table 1-5 External Address Bus Signals
Signal
Name
Type
State during
Reset
Signal Description
A0–A17
Output
Tri-stated
Address Bus—When the DSP is the bus master,
A0–A17 are active-high outputs that specify the
address for external program and data memory
accesses. Otherwise, the signals are tri-stated. To
minimize power dissipation, A0–A17 do not change
state when external memory spaces are not being
accessed.
Table 1-6 External Data Bus Signals
Signal
Name
Type
State during
Reset
Signal Description
D0–D23
Input/Output
Tri-stated
Data Bus—When the DSP is the bus master,
D0–D23 are active-high, bidirectional input/
outputs that provide the bidirectional data bus for
external program and data memory accesses.
Otherwise, D0–D23 are tri-stated.
Table 1-7 External Bus Control Signals
Signal
Name
Type
State during
Reset
Signal Description
AA0–AA3/
RAS0–
RAS3
Output
Tri-stated
Address Attribute or Row Address Strobe—When
defined as AA, these signals can be used as chip selects
or additional address lines. When defined as RAS, these
signals can be used as RAS for DRAM interface. These
signals are can be tri-stated outputs with programmable
polarity.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com