Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 49 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 49 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 45Page - Motorola, Inc DSP56362AD Datasheet HTML 46Page - Motorola, Inc DSP56362AD Datasheet HTML 47Page - Motorola, Inc DSP56362AD Datasheet HTML 48Page - Motorola, Inc DSP56362AD Datasheet HTML 49Page - Motorola, Inc DSP56362AD Datasheet HTML 50Page - Motorola, Inc DSP56362AD Datasheet HTML 51Page - Motorola, Inc DSP56362AD Datasheet HTML 52Page - Motorola, Inc DSP56362AD Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 168 page
background image
Specifications
Reset, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56362 Advance Information
2-11
25
Delay from IRQA assertion to
fetch of first instruction (when
exiting Stop)2, 3
• PLL is not active during Stop
(PCTL Bit 17 = 0) and Stop
delay is enabled
(OMR Bit 6 = 0)
PLC
× ETC × PDF +
(128 K
− PLC/2) × TC
1.3
13.6
—
—
ms
• PLL is not active during Stop
(PCTL Bit 17 = 0) and Stop
delay is not enabled (OMR
Bit 6 = 1)
PLC
× ETC × PDF +
(23.75
± 0.5) × TC
232.5
ns
12.3 ms
—
—
• PLL is active during Stop
(PCTL Bit 17 = 1) (Implies
No Stop Delay)
(8.25
± 0.5) × TC
77.5
87.5
64.6
72.9
ns
26
Duration of level sensitive IRQA
assertion to ensure interrupt
service (when exiting Stop)2, 3
• PLL is not active during Stop
(PCTL Bit 17 = 0) and Stop
delay is enabled
(OMR Bit 6 = 0)
PLC
× ETC × PDF +
(128K
− PLC/2) × TC
13.6
—
ms
• PLL is not active during Stop
(PCTL Bit 17 = 0) and Stop
delay is not enabled
(OMR Bit 6 = 1)
PLC
× ETC × PDF +
(20.5
± 0.5) × TC
12.3
—
ms
• PLL is active during Stop
(PCTL Bit 17 = 1) (implies no
Stop delay)
5.5
× TC
55.0
—
45.8
—
ns
27
Interrupt Requests Rate
• HI08, ESAI, SHI, Timer
12TC
—
120.0
—
100.0
ns
•DMA
8TC
—
80.0
—
66.7
ns
•IRQ, NMI (edge trigger)
8TC
—
80.0
—
66.7
ns
•IRQ, NMI (level trigger)
12TC
—
120.0
—
100.0
ns
Table 2-7 Reset, Stop, Mode Select, and Interrupt Timing 100 and 120 MHz Values6
No.
Characteristics
Expression
100 MHz
120 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com