Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362AD Datasheet(PDF) 12 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 12 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 8Page - Motorola, Inc DSP56362AD Datasheet HTML 9Page - Motorola, Inc DSP56362AD Datasheet HTML 10Page - Motorola, Inc DSP56362AD Datasheet HTML 11Page - Motorola, Inc DSP56362AD Datasheet HTML 12Page - Motorola, Inc DSP56362AD Datasheet HTML 13Page - Motorola, Inc DSP56362AD Datasheet HTML 14Page - Motorola, Inc DSP56362AD Datasheet HTML 15Page - Motorola, Inc DSP56362AD Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 168 page
background image
1-4
DSP56362 Advance Information
MOTOROLA
Signal/Connection Descriptions
Ground
GROUND
Table 1-3 Grounds
Ground
Name
Description
GNDP
PLL Ground—GNDP is a ground dedicated for PLL use. The connection should be
provided with an extremely low-impedance path to ground. VCCP should be
bypassed to GNDP by a 0.47 µF capacitor located as close as possible to the chip
package. There is one GNDP connection.
GNDP1
PLL Ground 1—GNDP1 is a ground dedicated for PLL use. The connection should
be provided with an extremely low-impedance path to ground. There is one GNDP1
connection.
GNDQ (4)
Quiet Ground—GNDQ is an isolated ground for the internal processing logic. This
connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors. There are four GNDQ
connections.
GNDA (4)
Address Bus Ground—GNDA is an isolated ground for sections of the address
bus I/O drivers. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.
There are four GNDA connections.
GNDD (4)
Data Bus Ground—GNDD is an isolated ground for sections of the data bus I/O
drivers. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.
There are four GNDD connections.
GNDC (2)
Bus Control Ground—GNDC is an isolated ground for the bus control I/O drivers.
This connection must be tied externally to all other chip ground connections. The
user must provide adequate external decoupling capacitors. There are two GNDC
connections.
GNDH
Host Ground—GNDH is an isolated ground for the HDI08 I/O drivers. This
connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors. There is one GNDH
connection.
GNDS (2)
SHI, ESAI, DAX, and Timer Ground—GNDS is an isolated ground for the SHI,
ESAI, DAX, and Timer I/O drivers. This connection must be tied externally to all
other chip ground connections. The user must provide adequate external
decoupling capacitors. There are two GNDS connections.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com