Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 104 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 100Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 101Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 102Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 103Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 104Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 105Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 106Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 107Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 147 page
background image
Electrical Specifications
104
June 2004
SPRS257
6.18 General-Purpose Input/Output (GPIO) − Input Timing
GPIO
Signal
1
Sampling Window
QUALPRD
Output From
Qualifier
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
SYSCLKOUT
QUALPRD = 1
(2 x SYSCLKOUT cycles) x 5
NOTES: A. This glitch will be ignored by the input qualifier. The QUALPRD bit field specifies the qualification sampling period. It can vary
from 00 to 0xFF. Input qualification is not applicable when QUALPRD = 00. For any other value “n”, the qualification sampling
period in 2n SYSCLKOUT cycles (i.e., at every 2n SYSCLKOUT cycle, the GPIO pin will be sampled). Six consecutive samples
must be of the same value for a given input to be recognized.
B. For the qualifier to detect the change, the input should be stable for 10 SYSCLKOUT cycles or greater. In other words, the inputs
should be stable for (5 x QUALPRD x 2) SYSCLKOUT cycles. This would ensure six sampling windows for detection to occur.
Since external signals are driven asynchronously, an 11-SYSCLKOUT-wide pulse ensures reliable recognition.
See Note A
Figure 6−19. GPIO Input Qualifier − Example Diagram for QUALPRD = 1
Table 6−19. General-Purpose Input Timing Requirements
MIN
MAX
UNIT
t G
Pulse duration GPIO low/high
All GPIOs
With no qualifier
2 * tc(SCO)
cycles
tw(GPI)
Pulse duration, GPIO low/high
All GPIOs
With qualifier
1 * tc(SCO) + IQT†
cycles
† Input Qualification Time (IQT) = [5 x QUALPRD x 2] * tc(SCO)
GPIOxn
XCLKOUT
tw(GPI)
Figure 6−20. General-Purpose Input Timing
NOTE:
The pulse width requirement for general-purpose input is applicable for the XBIO and ADCSOC
pins as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com