Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 105 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 101Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 102Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 103Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 104Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 105Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 106Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 107Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 108Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 147 page
background image
6.19 SPI Master Mode Timing
Table 6−20. SPI Master Mode External Timing (Clock Phase = 0)†‡
NO.
SPI WHEN (SPIBRR + 1) IS EVEN
OR SPIBRR = 0 OR 2
SPI WHEN (SPIBRR + 1)
IS ODD AND SPIBRR > 3
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPICLK
4tc(LCO)
128tc(LCO)
5tc(LCO)
127tc(LCO)
ns
2§
tw(SPCH)M
Pulse duration, SPICLK high
(clock polarity = 0)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M−0.5tc(LCO)−10
0.5tc(SPC)M −0.5tc(LCO)
ns
2§
tw(SPCL)M
Pulse duration, SPICLK low
(clock polarity = 1)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M−0.5tc(LCO)−10
0.5tc(SPC)M −0.5tc(LCO)
ns
3§
tw(SPCL)M
Pulse duration, SPICLK low
(clock polarity = 0)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M+0.5tc(LCO)−10
0.5tc(SPC)M + 0.5tc(LCO)
ns
3§
tw(SPCH)M
Pulse duration, SPICLK high
(clock polarity = 1)
0.5tc(SPC)M−10
0.5tc(SPC)M
0.5tc(SPC)M+0.5tc(LCO)−10
0.5tc(SPC)M + 0.5tc(LCO)
ns
4§
td(SPCH-SIMO)M
Delay time, SPICLK high to
SPISIMO valid (clock polarity = 0)
− 10
10
− 10
10
ns
4§
td(SPCL-SIMO)M
Delay time, SPICLK low to
SPISIMO valid (clock polarity = 1)
− 10
10
− 10
10
ns
5§
tv(SPCL-SIMO)M
Valid time, SPISIMO data valid
after SPICLK low
(clock polarity = 0)
0.5tc(SPC)M−10
0.5tc(SPC)M+0.5tc(LCO)−10
ns
5§
tv(SPCH-SIMO)M
Valid time, SPISIMO data valid
after SPICLK high
(clock polarity = 1)
0.5tc(SPC)M−10
0.5tc(SPC)M+0.5tc(LCO)−10
ns
8§
tsu(SOMI-SPCL)M
Setup time, SPISOMI before
SPICLK low (clock polarity = 0)
0
0
ns
8§
tsu(SOMI-SPCH)M
Setup time, SPISOMI before
SPICLK high (clock polarity = 1)
0
0
ns
9§
tv(SPCL-SOMI)M
Valid time, SPISOMI data valid
after SPICLK low
(clock polarity = 0)
0.25tc(SPC)M−10
0.5tc(SPC)M −0.5tc(LCO)−10
ns
9§
tv(SPCH-SOMI)M
Valid time, SPISOMI data valid
after SPICLK high
(clock polarity = 1)
0.25tc(SPC)M−10
0.5tc(SPC)M −0.5tc(LCO)−10
ns
† The MASTER/SLAVE bit (SPICTL.2) is set and the CLOCK PHASE bit (SPICTL.3) is cleared.
‡ tc(SPC) = SPI clock cycle time = LSPCLK
4
or
LSPCLK
(SPIBRR ) 1)
tc(LCO) = LSPCLK cycle time
§ The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6).
NOTE: Internal clock prescalers must be adjusted such that the SPI clock speed is not greater than the I/O buffer speed limit (20 MHz).
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com