Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 109 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 105Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 106Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 107Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 108Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 109Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 147 page
background image
Electrical Specifications
109
June 2004
SPRS257
6.20 SPI Slave Mode Timing
Table 6−22. SPI Slave Mode External Timing (Clock Phase = 0)†‡
NO.
MIN
MAX
UNIT
12
tc(SPC)S
Cycle time, SPICLK
4tc(LCO)‡
ns
13§
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
0.5tc(SPC)S−10
0.5tc(SPC)S
ns
13§
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
0.5tc(SPC)S−10
0.5tc(SPC)S
ns
14§
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
0.5tc(SPC)S−10
0.5tc(SPC)S
ns
14§
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
0.5tc(SPC)S−10
0.5tc(SPC)S
ns
15§
td(SPCH-SOMI)S
Delay time, SPICLK high to SPISOMI valid
(clock polarity = 0)
0.375tc(SPC)S−10
ns
15§
td(SPCL-SOMI)S
Delay time, SPICLK low to SPISOMI valid (clock polarity = 1)
0.375tc(SPC)S−10
ns
16§
tv(SPCL-SOMI)S
Valid time, SPISOMI data valid after SPICLK low
(clock polarity =0)
0.75tc(SPC)S
ns
16§
tv(SPCH-SOMI)S
Valid time, SPISOMI data valid after SPICLK high
(clock polarity =1)
0.75tc(SPC)S
ns
19§
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity = 0)
0
ns
19§
tsu(SIMO-SPCH)S
Setup time, SPISIMO before SPICLK high (clock polarity = 1)
0
ns
20§
tv(SPCL-SIMO)S
Valid time, SPISIMO data valid after SPICLK low
(clock polarity = 0)
0.5tc(SPC)S
ns
20§
tv(SPCH-SIMO)S
Valid time, SPISIMO data valid after SPICLK high
(clock polarity = 1)
0.5tc(SPC)S
ns
† The MASTER/SLAVE bit (SPICTL.2) is cleared and the CLOCK PHASE bit (SPICTL.3) is cleared.
‡ tc(SPC) = SPI clock cycle time = LSPCLK
4
or
LSPCLK
(SPIBRR ) 1)
tc(LCO) = LSPCLK cycle time
§ The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com