Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 112 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 108Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 109Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 113Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 114Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 115Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 147 page
background image
Electrical Specifications
112
June 2004
SPRS257
6.21 External Interface (XINTF) Timing
Each XINTF access consists of three parts: Lead, Active, and Trail. The user configures the Lead/Active/Trail
wait states in the XTIMING registers. There is one XTIMING register for each XINTF zone. Table 6−24 shows
the relationship between the parameters configured in the XTIMING register and the duration of the pulse in
terms of XTIMCLK cycles.
Table 6−24. Relationship Between Parameters Configured in XTIMING and Duration of Pulse†‡
DESCRIPTION
DURATION (ns)
DESCRIPTION
X2TIMING = 0
X2TIMING = 1
LR
Lead period, read access
XRDLEAD x tc(XTIM)
(XRDLEAD x 2) x tc(XTIM)
AR
Active period, read access
(XRDACTIVE + WS + 1) x tc(XTIM)
(XRDACTIVE x 2 + WS + 1) x tc(XTIM)
TR
Trail period, read access
XRDTRAIL x tc(XTIM)
(XRDTRAIL x 2) x tc(XTIM)
LW
Lead period, write access
XWRLEAD x tc(XTIM)
(XWRLEAD x 2) x tc(XTIM)
AW
Active period, write access
(XWRACTIVE + WS + 1) x tc(XTIM)
(XWRACTIVE x 2 + WS + 1) x tc(XTIM)
TW
Trail period, write access
XWRTRAIL x tc(XTIM)
(XWRTRAIL x 2) x tc(XTIM)
† tc(XTIM) − Cycle time, XTIMCLK
‡ WS refers to the number of wait states inserted by hardware when using XREADY. If the zone is configured to ignore XREADY (USEREADY = 0),
then WS = 0.
Minimum wait state requirements must be met when configuring each zone’s XTIMING register. These
requirements are in addition to any timing requirements as specified by that device’s data sheet. No internal
device hardware is included to detect illegal settings.
•
If the XREADY signal is ignored (USEREADY = 0), then:
1. Lead:
LR ≥ tc(XTIM)
LW ≥ tc(XTIM)
These requirements result in the following XTIMING register configuration restrictions§:
XRDLEAD
XRDACTIVE
XRDTRAIL
XWRLEAD
XWRACTIVE
XWRTRAIL
X2TIMING
≥ 1
≥ 0
≥ 0
≥ 1
≥ 0
≥ 0
0, 1
§ No hardware to detect illegal XTIMING configurations
Examples of valid and invalid timing when not sampling XREADY§:
XRDLEAD
XRDACTIVE
XRDTRAIL
XWRLEAD
XWRACTIVE
XWRTRAIL
X2TIMING
Invalid
0
0
0
0
0
0
0, 1
Valid
1
0
0
1
0
0
0, 1
§ No hardware to detect illegal XTIMING configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com