Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C2811PBKA Datasheet(PDF) 114 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 110Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 113Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 114Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 115Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 116Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 117Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 147 page
background image
Electrical Specifications
114
June 2004
SPRS257
Unless otherwise specified, all XINTF timing is applicable for the clock configurations shown in Table 6−25.
Table 6−25. XINTF Clock Configurations
Mode
SYSCLKOUT
XTIMCLK
XCLKOUT
1
Example:
150 MHz
SYSCLKOUT
150 MHz
SYSCLKOUT
150 MHz
2
Example:
150 MHz
SYSCLKOUT
150 MHz
1/2 SYSCLKOUT
75 MHz
3
Example:
150 MHz
1/2 SYSCLKOUT
75 MHz
1/2 SYSCLKOUT
75 MHz
4
Example:
150 MHz
1/2 SYSCLKOUT
75 MHz
1/4 SYSCLKOUT
37.5 MHz
The relationship between SYSCLKOUT and XTIMCLK is shown in Figure 6−25.
XTIMING0
XTIMING1
XTIMING2
XTIMING6
XTIMING7
XBANK
LEAD/ACTIVE/TRAIL
1†
0
XCLKOUT
/2
XTIMCLK
1†
0
/2
R28x
CPU
XINTCNF2
(CLKMODE)
XINTCNF2
(XTIMCLK)
† Default Value after reset
SYSCLKOUT
XINTCNF2
(CLKOFF)
1
0
0
Figure 6−25. Relationship Between XTIMCLK and SYSCLKOUT
6.22 XINTF Signal Alignment to XCLKOUT
For each XINTF access, the number of lead, active, and trail cycles is based on the internal clock XTIMCLK.
Strobes such as XRD, XWE, and zone chip-select (XZCS) change state in relationship to the rising edge of
XTIMCLK. The external clock, XCLKOUT, can be configured to be either equal to or one-half the frequency
of XTIMCLK.
For the case where XCLKOUT = XTIMCLK, all of the XINTF strobes will change state with respect to the rising
edge of XCLKOUT. For the case where XCLKOUT = one-half XTIMCLK, some strobes will change state either
on the rising edge of XCLKOUT or the falling edge of XCLKOUT. In the XINTF timing tables, the notation
XCOHL is used to indicate that the parameter is with respect to either case; XCLKOUT rising edge (high) or
XCLKOUT falling edge (low). If the parameter is always with respect to the rising edge of XCLKOUT, the
notation XCOH is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com