Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 20 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 20 Page - NEC

Back Button UPD720122 Datasheet HTML 16Page - NEC UPD720122 Datasheet HTML 17Page - NEC UPD720122 Datasheet HTML 18Page - NEC UPD720122 Datasheet HTML 19Page - NEC UPD720122 Datasheet HTML 20Page - NEC UPD720122 Datasheet HTML 21Page - NEC UPD720122 Datasheet HTML 22Page - NEC UPD720122 Datasheet HTML 23Page - NEC UPD720122 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Data Sheet S16685EJ2V0DS
20
µPD720122
2.6
AC Characteristics (TA = 0 to +70
°°°°C, VDD = 3.3 V ±±±±10%)
The AC characteristics are classified into those of the USB interface block and those of the BIU.
2.6.1
Overall AC characteristics and those of BIU
(1) Clock
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock frequency
f
CLK
X’tal
-500ppm
30
+500ppm
MHz
Oscillator block
-500ppm
30
+500ppm
MHz
Clock Duty cycle
T
DUTY
40
50
60
%
Remarks 1.
Reccomended accurarcy of clock frequency is ±100ppm.
2.
Required accurarcy of X’tal or Oscillator block is includeing initial frequency accuracy, the spread of
X’tal capacityor loading, supply voltage, temperature, and aging etc.
(2) Reset
Symbol
Specification
Min.
Typ.
Max.
Unit
TR
Reset width
2
µs
HW reset timing
RESETB
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com