Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 12 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 12 Page - NEC

Back Button UPD720122 Datasheet HTML 8Page - NEC UPD720122 Datasheet HTML 9Page - NEC UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC UPD720122 Datasheet HTML 12Page - NEC UPD720122 Datasheet HTML 13Page - NEC UPD720122 Datasheet HTML 14Page - NEC UPD720122 Datasheet HTML 15Page - NEC UPD720122 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Data Sheet S16685EJ2V0DS
12
µPD720122
Terms Used in Recommended Operating Range
Parameter
Symbol
Meaning
Power supply voltage
VDD
Indicates the voltage range for normal logic operations occur when VSS = 0 V.
High-level input voltage
VIH
Indicates the voltage, which is applied to the input pins of the device, is the voltage
indicates that the high level states for normal operation of the input buffer.
* If a voltage that is equal to or greater than the “Min.” value is applied, the input
voltage is guaranteed as high level voltage.
Low-level input voltage
VIL
Indicates the voltage, which is applied to the input pins of the device, is the voltage
indicates that the low level states for normal operation of the input buffer.
* If a voltage that is equal to or lesser than the “Max.” value is applied, the input
voltage is guaranteed as low level voltage.
Hysteresys voltage
VH
Indicates the differential between the positive trigger voltage and the negative trigger
voltage.
Input rise time
tri
Indicates allowable input rise time to input pins. Input rise time is transition time from
0.1
× VDD to 0.9 × VDD.
Input fall time
tfi
Indicates allowable input fall time to input pins. Input fall time is transition time from
0.9
× VDD to 0.1 × VDD.
Terms Used in DC Characteristics
Parameter
Symbol
Meaning
Off-state output leakage
current
IOZ
Indicates the current that flows from the power supply pins when the rated power
supply voltage is applied when a 3-state output has high impedance.
Output short circuit current
IOS
Indicates the current that flows when the output pin is shorted (to GND pins) when
output is at high-level.
Input leakage current
II
Indicates the current that flows when the input voltage is supplied to the input pin.
Low-level output current
IOL
Indicates the current that flows to the output pins when the rated low-level output
voltage is being applied.
High-level output current
IOH
Indicates the current that flows from the output pins when the rated high-level output
voltage is being applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com