Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 14 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 14 Page - NEC

Back Button UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC UPD720122 Datasheet HTML 12Page - NEC UPD720122 Datasheet HTML 13Page - NEC UPD720122 Datasheet HTML 14Page - NEC UPD720122 Datasheet HTML 15Page - NEC UPD720122 Datasheet HTML 16Page - NEC UPD720122 Datasheet HTML 17Page - NEC UPD720122 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
Data Sheet S16685EJ2V0DS
14
µPD720122
2.5
DC Characteristics
The DC characteristics are classified into those of the USB interface and those of the BIU block.
2.5.1
DC characteristics of USB interface
Parameter
Symbol
Conditions
Min.
Max.
Unit
Serial resistor between DP (DM) and RSDP (RSDM)
RS
35.64
36.36
Ω
Driver output resistance
(also serves as high-speed termination)
ZHSDRV
Includes RS resistor
40.5
49.5
Ω
Bus pull-up resistor on upstream facing port
RPU
1.425
1.575
Ω
Termination voltage for upstream facing port pull-up
(full-speed)
VTERM
3.0
3.6
V
Input levels for full-speed:
High-level input voltage (driven)
VIH
2.0
V
High-level input voltage (floating)
VIHZ
2.7
3.6
Low-level input voltage
VIL
0.8
V
Differential input sensitivity
VDI
 (D+) − (D−) 
0.2
V
Differential common mode range
VCM
Includes VDI range
0.8
2.5
V
Output levels for full-speed:
High-level output voltage
VOH
RL of 14.25 k
Ω to VSS
2.8
3.6
V
Low-level output voltage
VOL
RL of 1.425 k
Ω to 3.6 V
0.0
0.3
V
SE1
VOSE1
0.8
V
Output signal crossover voltage
VCRS
1.3
2.0
V
Input levels for high-speed:
High-speed squelch detection threshold (differential
signal amplitude)
VHSSQ
100
150
mV
High-speed disconnect detection threshold
(differential signal amplitude)
VHSDSC
525
625
mV
High-speed data signaling common mode voltage
range (guideline for receiver)
VHSCM
−50
500
mV
High-speed differential input signaling level
See Figure 2-4
Output levels for high-speed:
High-speed idle level
VHSOI
−10.0
10
mV
High-speed data signaling high
VHSOH
360
440
mV
High-speed data signaling low
VHSOL
−10.0
10
mV
Chirp J level (different voltage)
VCHIRPJ
700
1100
mV
Chirp K level (different voltage)
VCHIRPK
−900
−500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com