Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 18 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 18 Page - NEC

Back Button UPD720122 Datasheet HTML 14Page - NEC UPD720122 Datasheet HTML 15Page - NEC UPD720122 Datasheet HTML 16Page - NEC UPD720122 Datasheet HTML 17Page - NEC UPD720122 Datasheet HTML 18Page - NEC UPD720122 Datasheet HTML 19Page - NEC UPD720122 Datasheet HTML 20Page - NEC UPD720122 Datasheet HTML 21Page - NEC UPD720122 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
Data Sheet S16685EJ2V0DS
18
µPD720122
2.5.2
DC characteristics of BIU
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off-state output current
IOZ
VO = VDD or GND
±10
µA
Output short current
IOS
−250
mA
Input leakage current
II
VI = VDD or GND
±10
−5
µA
Output current, low
IOL
VOL = 0.4 V
Note
6mA
Output current, high
IOH
VOH = 2.4 V
−2
mA
Output voltage, low
VOL
IOL = 0 mA
0.1
V
Output voltage, high
VOH
IOH = 0 mA
VDD
−0.2
V
Note
5V-Tolerant Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com