Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 38 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 38 Page - NEC

Back Button UPD720122 Datasheet HTML 34Page - NEC UPD720122 Datasheet HTML 35Page - NEC UPD720122 Datasheet HTML 36Page - NEC UPD720122 Datasheet HTML 37Page - NEC UPD720122 Datasheet HTML 38Page - NEC UPD720122 Datasheet HTML 39Page - NEC UPD720122 Datasheet HTML 40Page - NEC UPD720122 Datasheet HTML 41Page - NEC UPD720122 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
Data Sheet S16685EJ2V0DS
38
µPD720122
(a) CPU bus DMA read transfer vs. write transfer timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T68
RDB vs. WRB command inactive time
34
∞
ns
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
EP1_DACKB
RDB
EP1_DRQB
EP2_DACKB
WRB
EP2_DRQB
t45
t57
t58
t68
Low level
Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com