Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 34 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 34 Page - NEC

Back Button UPD720122 Datasheet HTML 30Page - NEC UPD720122 Datasheet HTML 31Page - NEC UPD720122 Datasheet HTML 32Page - NEC UPD720122 Datasheet HTML 33Page - NEC UPD720122 Datasheet HTML 34Page - NEC UPD720122 Datasheet HTML 35Page - NEC UPD720122 Datasheet HTML 36Page - NEC UPD720122 Datasheet HTML 37Page - NEC UPD720122 Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
Data Sheet S16685EJ2V0DS
34
µPD720122
(d) CPU bus DMA demand write transfer timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T58
DMA request acknowledge setup time (WRB
↓)
0
∞
ns
T59
DMA demand mode write transfer cycle time
72
∞
ns
T60
Write command width
38
∞
ns
T61
Write command inactive time
34
∞
ns
T62
Write data setup time (WRB
↑)
10
∞
ns
T63
Write data hold time (WRB
↑)
0
∞
ns
T64
EP2_TCB setup time (WRB
↓)
0
Note
ns
T65
EP2_TCB hold time (WRB
↓)
17
∞
ns
T66
DMA request off time (WRB
↑)
−
60
ns
T67
DMA request acknowledge hold time (WRB
↑)
0
∞
ns
T70
DMA request off time (EP2_DACKB
↓)
−
38
ns
T73
DMA request on time (EP2_DACKB
↑)
−
88
ns
T75
DMA request off time (WRB
↓)
−
60
ns
Note
Can be input after immediately previous WRB
↑.
Remark
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
(Overall)
EP2_DRQB
EP2_TCB
D15 to D0
WRB
EP2_DACKB
N cycle
N
−−−− 1 cycle
1 cycle
t59
t60
t61
t62
t63
t66
High level
t58
t67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com