Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 65 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 65 Page - NEC

Back Button UPD720122 Datasheet HTML 61Page - NEC UPD720122 Datasheet HTML 62Page - NEC UPD720122 Datasheet HTML 63Page - NEC UPD720122 Datasheet HTML 64Page - NEC UPD720122 Datasheet HTML 65Page - NEC UPD720122 Datasheet HTML 66Page - NEC UPD720122 Datasheet HTML 67Page - NEC UPD720122 Datasheet HTML 68Page - NEC UPD720122 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
Data Sheet S16685EJ2V0DS
65
µPD720122
2.6.5
USB interface timing
Parameter
Symbol
Conditions
Min.
Max.
Unit
Full-speed source electrical characteristics
Rise time
TFR
CL = 50 pF,
RS = 36
Ω
420
ns
Fall time
TFF
CL = 50 pF,
RS = 36
Ω
420
ns
Differential rise and fall time matching
TFRFM
(TFR/TFF)
90
111.11
%
Full-speed data rate for hubs and devices
that are high-speed capable
TFDRATHS
Average bit rate
11.9940
12.0060
Mb/s
Frame interval
TFRAME
0.9995
1.0005
ms
Consecutive frame interval jitter
TRFI
No clock adjustment
42
ns
Source jitter total (including frequency
tolerance):
To next transition
For paired transitions
TDJ1
TDJ2
−3.5
−4.0
3.5
4.0
ns
ns
Source jitter for differential transition to SE0
transition
TFDEOP
−2
5ns
Receiver jitter:
To next transition
For paired transitions
TJR1
TJR2
−18.5
−9
18.5
9
ns
ns
Source SE0 interval of EOP
TFEOPT
160
175
ns
Receiver SE0 interval of EOP
TFEOPR
82
ns
Width of SE0 interval during differential
transition
TFST
14
ns
High-speed source electrical characteristics
Rise time (10% to 90%)
THSR
500
ps
Fall time (10% to 90%)
THSF
500
ps
Driver waveform requirements
See Figure 2-6
High-speed data rate
THSDRAT
479.760
480.240
Mb/s
Microframe interval
THSFRAM
124.9375
125.0625
µs
Consecutive microframe interval difference
THSRFI
4 high-speed
Bit times
Data source jitter
See Figure 2-6.
Receiver jitter tolerance
See Figure 2-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com