Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720122 Datasheet(PDF) 56 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 56 Page - NEC

Back Button UPD720122 Datasheet HTML 52Page - NEC UPD720122 Datasheet HTML 53Page - NEC UPD720122 Datasheet HTML 54Page - NEC UPD720122 Datasheet HTML 55Page - NEC UPD720122 Datasheet HTML 56Page - NEC UPD720122 Datasheet HTML 57Page - NEC UPD720122 Datasheet HTML 58Page - NEC UPD720122 Datasheet HTML 59Page - NEC UPD720122 Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
Data Sheet S16685EJ2V0DS
56
µPD720122
(2) External local bus 8-bit mode
(a) External local bus 8-bit mode DMA single mode read transfer timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
L8T21
DMA request acknowledge setup time (EP1_RDB
↓)
0
∞
ns
L8T22
DMA request off time 1 (EP1_DACKB
↓)
−
10
ns
L8T23
DMA single mode read transfer cycle time
91
∞
ns
L8T24
Read command width
57
∞
ns
L8T25
Read command inactive time
34
∞
ns
L8T26
Read data delay time (EP1_RDB
↓)
−
57
ns
L8T27
Buffer direction change time (EP1_RDB
↓)
−
14
ns
L8T28
Read data hold time (EP1_RDB
↑)
4
−
ns
L8T31
EP1_STOPB delay time (EP1_RDB
↓)
−
15
ns
L8T32
EP1_STOPB delay time (EP1_RDB
↑)
3
−
ns
L8T33
DMA request acknowledge hold time (EP1_RDB
↑)
0
∞
ns
L8T34
Undefined
−−
ns
Remarks 1.
Use of EP1_TCB is prohibited in the 8-bit external local bus mode. Clamp this signal to the inactive
status.
2.
LD15 to 8 are undefined in the 8-bit external local bus mode (these signals are invalid when input and
undefined when output).
3.
It is assumed that the external pin capacitance is 15 pF (data bus = 50 pF).
(Overall)
EP1_DRQB
EP1_TCB
LD7 to LD0
EP1_RDB
EP1_DACKB
N cycle
N
−−−− 1 cycle
1 cycle
L8t22
L8t23
L8t24
L8t25
L8t26
L8t28
High level
EP1_STOPB
High level
EP1_STOPB is not asserted in
the case of a full packet.
L8t21
L8t27
L8t31
L8t32
L8t33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com