Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 26Page - Microchip Technology MCP2035 Datasheet HTML 27Page - Microchip Technology MCP2035 Datasheet HTML 28Page - Microchip Technology MCP2035 Datasheet HTML 29Page - Microchip Technology MCP2035 Datasheet HTML 30Page - Microchip Technology MCP2035 Datasheet HTML 31Page - Microchip Technology MCP2035 Datasheet HTML 32Page - Microchip Technology MCP2035 Datasheet HTML 33Page - Microchip Technology MCP2035 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
MCP2035
DS22304A-page 30
 2012 Microchip Technology Inc.
3.5
Demodulated Data Output (LFDATA)
Carrier Clock Output (CCLK)
SPI Data I/O (SDIO)
When the CS pin is high, this pin is an output pin for
demodulated data or carrier clock, depending on out-
put-type selection. When carrier clock output (CCLK) is
selected, the LFDATA output is a square pulse of the
input carrier clock and is available as soon as the AGC
stabilization time (TSTAB) is completed.
When the CS pin is low, this pin becomes the SPI data
input and output (SDIO).
3.6
LCX Input
This is the input pin of the LCX channel. An external LC
resonance antenna circuit can be connected between
the LCX and LCCOM pins.
3.7
LC Common Reference (LCCOM)
This pin is the common reference input pin for the
external LC resonant circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com