Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 32Page - Microchip Technology MCP2035 Datasheet HTML 33Page - Microchip Technology MCP2035 Datasheet HTML 34Page - Microchip Technology MCP2035 Datasheet HTML 35Page - Microchip Technology MCP2035 Datasheet HTML 36Page - Microchip Technology MCP2035 Datasheet HTML 37Page - Microchip Technology MCP2035 Datasheet HTML 38Page - Microchip Technology MCP2035 Datasheet HTML 39Page - Microchip Technology MCP2035 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
FIGURE 5-2:
Input Signal Path.
A
A
RF
Limiter
MOD
FET
Capacitor
Tuning
Var.
Atten.
FGA1
FGA2
Full-Wave
LFDATA
X
Y
Z
LCX
LCCOM
Carrier
>4 V
PP
CLKDIV
DATOUT
AGC
Feedback
Peak
REF GEN
0.1V
X
Y
Z
B
AGCACT
AGCSIG
Demodulator
AGC
Registers
Configuration
Sens.
Control
Legend:
FGA = Fixed Gain Amplifier
FWR = Full-wave Rectifier
LPF = Low-pass Filter
PD = Peak Detector
00
Detector
+
–
+
–
+
–
Data Slicer
MOD Depth Control
Output Enable
Filter
10
Amplifier
Rectifier
Low-Pass
Filter
Detector
Auto-Channel
Selector
32 kHz
Clock/AGC
/1 OR /4
C
CHX ACT
AUTOCHSEL
LFDATA
01
10
11
RSSI GEN
C
Timer
÷ 64
RSSI
DETX
WAKEX
WAKEY
WAKEZ
DETY
DETZ
0.4V
Note 1: LCY and LCZ pads are
internally grounded.
LCY, LCZ
(Note 1)
Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com