Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 30Page - Microchip Technology MCP2035 Datasheet HTML 31Page - Microchip Technology MCP2035 Datasheet HTML 32Page - Microchip Technology MCP2035 Datasheet HTML 33Page - Microchip Technology MCP2035 Datasheet HTML 34Page - Microchip Technology MCP2035 Datasheet HTML 35Page - Microchip Technology MCP2035 Datasheet HTML 36Page - Microchip Technology MCP2035 Datasheet HTML 37Page - Microchip Technology MCP2035 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
MCP2035
DS22304A-page 34
 2012 Microchip Technology Inc.
5.8
Carrier Clock Detector
The Carrier Clock Detector senses the input carrier
cycles. The output of the detector switches digitally at
the signal carrier frequency. Carrier clock output is
available when the output is selected by the DATOUT
bit in Configuration Register 1 (Register 5-2).
5.9
Demodulator
The Demodulator consists of a full-wave rectifier, low-
pass filter, peak detector and Data Slicer that detects
the envelope of the input signal.
5.10
Data Slicer
The Data Slicer consists of a reference generator and
comparator. The Data Slicer compares the input with
the reference voltage. The reference voltage comes
from the minimum modulation depth requirement
setting and input peak voltage.
5.11
Output Enable Filter
The Output Enable Filter enables the LFDATA output
once the incoming signal meets the wake-up sequence
requirements
(see
Section 5.14
“Configurable
Output Enable Filter”
).
5.12
Received Signal Strength
Indicator (RSSI)
The RSSI provides a current which is proportional to
the input signal amplitude (see Section 5.29.3
“Received
Signal
Strength
Indicator
(RSSI)
Output”
).
5.13
Analog Front-End Timers
The device has an internal 32 kHz RC oscillator. The
oscillator is used in several timers:
• Inactivity Timer
•Alarm Timer
• Pulse Width Timer
• Period Timer
• AGC Settling Timer
5.13.1
RC OSCILLATOR
The RC oscillator generates a 32 kHz internal clock.
5.13.2
INACTIVITY TIMER
The Inactivity Timer is used to automatically return the
device to Standby mode, if there is no input signal. The
time-out period is approximately 16 ms (TINACT), based
on the 32 kHz internal clock.
The purpose of the Inactivity Timer is to minimize
current draw by automatically returning to the lower
current Standby mode, if there is no input signal for
approximately 16 ms.
The timer is reset when:
• An amplitude change in the LF input signal, either
high-to-low or low-to-high
•CS pin is low (any SPI command)
• Timer-related Soft Reset
The timer starts after AGC initialization time (TAGC).
The timer causes a Soft Reset when:
• A previously received input signal does not
change either high-to-low or low-to-high for
TINACT
The Soft Reset returns the device to Standby mode
where most of the analog circuits, such as the AGC,
demodulator and RC oscillator, are powered down. This
returns the device to the lower Standby Current mode.
5.13.3
ALARM TIMER
The Alarm Timer is used to notify the external MCU that
the device is receiving an input signal that does not pass
the output enable filter requirement. The time-out period
is approximately 32 ms (TALARM) in the presence of
continuing noise.
The Alarm Timer time-out occurs if there is an input
signal for longer than 32 ms that does not meet the
output enable filter requirements. The Alarm Timer
time-out causes:
a) The ALERT pin to go low.
b) The ALARM bit to set in the Status
STATUS Register 7 (Register 5-8).
The external MCU is informed of the Alarm Timer time-
out by monitoring the ALERT pin. If the Alarm Timer
time-out occurs, the external MCU can take
appropriate actions, such as lowering channel
sensitivity or disabling the input channel. If the noise
source is ignored, the device can return to a lower
standby current draw state.
The timer is reset when the:
•CS pin is low (any SPI command).
• Output enable filter is disabled.
• LFDATA pin is enabled (signal passed output
enable filter).
The timer starts after the AGC initialization time.
The timer causes a low output on the ALERT pin when:
• Output enable filter is enabled and modulated
input signal is present for TALARM, but does not
pass the output enable filter requirement.
Note:
The Alarm Timer is disabled if the output
enable filter is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com