Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 29Page - Microchip Technology MCP2035 Datasheet HTML 30Page - Microchip Technology MCP2035 Datasheet HTML 31Page - Microchip Technology MCP2035 Datasheet HTML 32Page - Microchip Technology MCP2035 Datasheet HTML 33Page - Microchip Technology MCP2035 Datasheet HTML 34Page - Microchip Technology MCP2035 Datasheet HTML 35Page - Microchip Technology MCP2035 Datasheet HTML 36Page - Microchip Technology MCP2035 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 33
MCP2035
5.0
FUNCTIONAL DESCRIPTION
AND THEORY OF DEVICE
OPERATION
The MCP2035 contains an analog input channel for
signal detection and LF talk-back. This section
provides the functional description of the device.
The input channel has internal tuning capacitors,
sensitivity control circuits, an input signal strength
limiter and an LF talk-back modulation transistor. An
AGC loop is used for input channel gains. The output of
the input channel is fed into a demodulator. The digital
output is passed to the LFDATA pin. Figure 5-1 shows
the block diagram of the device and Figure 5-2 shows
the input signal path.
There are a total of eight Configuration registers. Six of
them are used for device operation options, one for
column parity bits and one for status indication of
device operation. Each register has nine bits including
one row parity bit. These registers are readable and
writable by SPI commands, except for the STATUS
register, which is read-only.
The device’s features are dynamically controllable by
programming the Configuration registers.
5.1
RF Limiter
The RF Limiter limits LC pin input voltage by de-Q’ing
the external LC resonant antenna circuit. The limiter
begins de-Q’ing the external LC antenna when the
input voltage exceeds VDE_Q, progressively de-Q’ing
harder to reduce the antenna input voltage.
5.2
Modulation Circuit
for LF Talk-Back
The LF talk-back is achieved by turning on and off the
modulation transistor. The modulation circuit consists
of a modulation transistor (FET), internal tuning
capacitors and external LC antenna components. The
modulation transistor and the internal tuning capacitors
are connected between the LCX input pin and LCCOM
pin. Each LC input has its own modulation transistor.
When the modulation transistor turns on, its low
Turn-on Resistance (RM) clamps the induced LC
antenna voltage. The coil voltage is minimized when
the modulation transistor turns on, and maximized
when the modulation transistor turns off. The
modulation transistor’s low turn-on resistance (RM)
results in a high modulation depth.
The modulation data comes from the external micro-
controller section via the digital SPI as “Clamp On”,
“Clamp Off” commands. A basic block diagram of the
modulation circuit is shown in Figure 5-1 and
Figure 5-2.
The modulation FET is also shorted momentarily after
Soft Reset and Inactivity Timer time-out.
5.3
Tuning Capacitor
The input tuning capacitor values are programmed by
the Configuration registers up to 63 pF, 1 pF per step.
5.4
Variable Attenuator
The variable attenuator is used to attenuate, via AGC
control, the input signal voltage to avoid saturating the
amplifiers and demodulators.
5.5
Sensitivity Control
The sensitivity of the input channel can be reduced by
the Configuration register sensitivity setting. This is
used to desensitize the channel from optimum.
5.6
AGC Control
The AGC controls the variable attenuator to limit the
internal signal voltage to avoid saturation of internal
amplifiers and demodulators (Refer to Section 5.4
“Variable Attenuator”
).
5.7
Fixed Gain Amplifiers 1 and 2
FGA1 and FGA2 provide a maximum two-stage gain
of 40 dB.
Note:
The LF-Talk back is only used when it
needs to communicate back to the Base
Station using the same Base Station’s low
frequency (128 kHz) carrier frequency. A
typically LF-Talk back range is up to a few
inches. For the BodyCom applications, it
uses HF (~8 MHz) for the return signal.
Note:
The
user
can
control
the
tuning
capacitor
by
programming
the
Configuration registers. See Register 5-2
for details.
Note:
The variable attenuator function is
accomplished by the device itself. The
user cannot control its function.
Note:
The user can desensitize the channel
sensitivity
by
programming
the
Configuration registers. See Register 5-5
for details.
Note:
The AGC control function is accomplished
by the device itself. The user cannot
control its function.
Note:
The user cannot control the gain of these
two amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com