Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 34Page - Microchip Technology MCP2035 Datasheet HTML 35Page - Microchip Technology MCP2035 Datasheet HTML 36Page - Microchip Technology MCP2035 Datasheet HTML 37Page - Microchip Technology MCP2035 Datasheet HTML 38Page - Microchip Technology MCP2035 Datasheet HTML 39Page - Microchip Technology MCP2035 Datasheet HTML 40Page - Microchip Technology MCP2035 Datasheet HTML 41Page - Microchip Technology MCP2035 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
MCP2035
DS22304A-page 38
 2012 Microchip Technology Inc.
TOEH is measured from the rising edge of the
demodulator output to the first falling edge. The pulse
width must fall within TOEH  t  TOET.
TOEL is measured from the falling edge of the
demodulator output to the rising edge of the next pulse.
The pulse width must fall within TOEL  t  TOET.
TOET is measured from rising edge to the next rising
edge (i.e., the sum of TOEH and TOEL). The sum of TOEH
and TOEL must be t  TOET. If the Configuration
Register 0 (Register 5-1), OEH<8:7> is set to ‘00’, then
the filter is disabled. See Figure 2-30 for this case.
The filter will reset, requiring a complete new successive
high and low period to enable LFDATA, under the
following conditions.
• The received high is not greater than the
configured minimum TOEH value.
• During TOEH, a loss of signal for longer than 56 s
causes a filter Reset.
• The received low is not greater than the
configured minimum TOEL value.
• The received sequence exceeds the maximum
TOET value:
-TOEH + TOEL > TOET
-or TOEH > TOET
-or TOEL > TOET
• A Soft Reset SPI command is received.
If the filter resets due to a long high-time (TOEH > TOET),
the high-pulse timer will not begin timing again until
after a gap of TE and another low-to-high transition
occurs on the demodulator output.
Disabling the output enable filter disables the TOEH and
TOEL requirement and the device passes all detected
data. See Figures 2-30, 2-31 and 2-32 for examples.
When viewed from an application perspective, from the
pin input, the actual output enable filter timing must
factor in the analog delays in the input path (such as
demodulator charge and discharge times).
•TOEH - TDR + TDF
•TOEL + TDR - TDF
The output enable filter starts immediately after TGAP,
the gap after AGC stabilization period.
5.15
Input Sensitivity Control
The device has typical input sensitivity of 3 mVPP. This
means any input signal with amplitude greater than
3mVPP can be detected. The internal AGC loop
regulates the detecting signal amplitude when the input
level is greater than approximately 20 mVPP. This
signal amplitude is called “AGC-active level”. The AGC
loop regulates the input voltage so that the input signal
amplitude range will be kept within the linear range of
the detection circuits without saturation. The AGC
Active Status bit (AGCACT<5>) in STATUS Register 7
(Register 5-8) is set if the AGC loop regulates the input
voltage.
Table 5-2 shows the input sensitivity comparison when
the AGCSIG option is used. When AGCSIG option bit is
set, the demodulated output is available only when the
AGC loop is active (see Table 5-1). The channel input
sensitivity can be reduced by setting the appropriate
Configuration
registers.
Configuration
Register 3
(Register 5-4), Configuration Register 4 (Register 5-5)
and Configuration Register 5 (Register 5-6) have the
option to reduce each channel gain from 0 dB to
approximately -30 dB.
TABLE 5-1:
OUTPUT ENABLE FILTER
TIMING
OEH
<1:0>
OEL
<1:0>
TOEH
(ms)
TOEL
(ms)
TOET
(ms)
01
00
11
3
01
01
11
3
01
10
12
4
01
11
14
6
10
00
21
4
10
01
21
4
10
10
22
5
10
11
24
8
11
00
41
6
11
01
41
6
11
10
42
8
11
11
44
10
00
XX
Filter Disabled
Note 1:
The timing values of TOEH and TOEL are
minimum and TOET is maximum at room
temperature and VDD = 3.0V, 32 kHz
oscillator.
TABLE 5-2:
INPUT SENSITIVITY VS. MODULATED SIGNAL STRENGTH SETTING (AGCSIG <7>)
AGCSIG<7>
(Config. Register 5)
Description
Input Sensitivity
(Typical)
0
Option Disabled – Detect any input signal level (demodulated data and carrier clock)
3.0 mVPP
1
Option Enabled – No output until AGC Status = 1 (i.e., VPEAK  20 mVPP)
(demodulated data and carrier clock)
• Provides the best signal to noise ratio
20 mVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com