Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 8Page - Microchip Technology MCP2035 Datasheet HTML 9Page - Microchip Technology MCP2035 Datasheet HTML 10Page - Microchip Technology MCP2035 Datasheet HTML 11Page - Microchip Technology MCP2035 Datasheet HTML 12Page - Microchip Technology MCP2035 Datasheet HTML 13Page - Microchip Technology MCP2035 Datasheet HTML 14Page - Microchip Technology MCP2035 Datasheet HTML 15Page - Microchip Technology MCP2035 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
MCP2035
DS22304A-page 12
 2012 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = 3V, Carrier Frequency = 125 kHz, LCCOM = connected to VSS.
FIGURE 2-7:
Modulation Transistor-on
Resistance (+25°C).
FIGURE 2-8:
Input Channel Sensitivity vs.
Bandwidth.
FIGURE 2-9:
Typical RSSI Output Current
vs. Input Signal Strength.
FIGURE 2-10:
Typical Tuned Capacitance
Value vs. Configuration Register Bit Setting
(VDD = 3V, Temperature = +25°C).
FIGURE 2-11:
Typical Tuned Capacitance
Value vs. Configuration Register Bit Setting
(VDD = 3V, Temperature = -40°C).
FIGURE 2-12:
Typical Tuned Capacitance
Value vs. Configuration Register Bit Setting
(VDD = 3V, Temperature = +85°C).
0
10
20
30
40
50
60
70
80
024
6
V
DD (V)
0
5
10
15
20
25
0
50
100 150 200 250 300 350 400 450
Frequency (kHz)
0
20
40
60
80
100
120
Input Voltage (V)
-40 C
+85 C
+25 C
0
10
20
30
40
50
60
70
0
204060
80
Bit Setting (Steps)
0
10
20
30
40
50
60
70
020
40
60
80
Bit Setting (steps)
0
10
20
30
40
50
60
70
0
204060
80
Bit Setting (Steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com