Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 16Page - Microchip Technology MCP2035 Datasheet HTML 17Page - Microchip Technology MCP2035 Datasheet HTML 18Page - Microchip Technology MCP2035 Datasheet HTML 19Page - Microchip Technology MCP2035 Datasheet HTML 20Page - Microchip Technology MCP2035 Datasheet HTML 21Page - Microchip Technology MCP2035 Datasheet HTML 22Page - Microchip Technology MCP2035 Datasheet HTML 23Page - Microchip Technology MCP2035 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
MCP2035
DS22304A-page 20
 2012 Microchip Technology Inc.
FIGURE 2-22:
Example of Minimum Modulation Depth Setting: Modulation Depth of Input
Signal = 77%, Minimum Modulation Depth (MODMIN) Setting = 60%.
FIGURE 2-23:
Example of Minimum Modulation Depth Setting: Modulation Depth of Input
Signal = 56%, Minimum Modulation Depth (MODMIN) Setting = 60%.
Demodulated output
Input signal with 77%
modulation depth
Demodulated output
Input signal with 56%
modulation depth
Note:
There is no demodulated output since the modulation depth of the input signal is lower than the minimum
modulation depth setting. The device will have demodulated output if the Minimum Modulation Depth
option is set to 8%, 14%, or 33%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com