Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2035 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 40Page - Microchip Technology MCP2035 Datasheet HTML 41Page - Microchip Technology MCP2035 Datasheet HTML 42Page - Microchip Technology MCP2035 Datasheet HTML 43Page - Microchip Technology MCP2035 Datasheet HTML 44Page - Microchip Technology MCP2035 Datasheet HTML 45Page - Microchip Technology MCP2035 Datasheet HTML 46Page - Microchip Technology MCP2035 Datasheet HTML 47Page - Microchip Technology MCP2035 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
MCP2035
DS22304A-page 44
 2012 Microchip Technology Inc.
Related Configuration register bits:
• Configuration Register 1 (Register 5-2),
DATOUT<8:7>:
bit 8 bit 7
00
: Demodulated Output
01
: Carrier Clock Output
10
: RSSI Output
11
: RSSI Output
• Configuration Register 2 (Register 5-3),
RSSIFET<8>:
0
: Pull-Down MOSFET off
1
: Pull-Down MOSFET on.
• Configuration Register 0 (Register 5-1): all bits
are affected.
FIGURE 5-8:
RSSI Output Path.
5.29.3.1
ANALOG-TO-DIGITAL DATA
CONVERSION OF RSSI SIGNAL
The RSSI output is an analog current. It needs an
external Analog-to-Digital (ADC) data conversion
device for digitized output. The ADC data conversion
can be accomplished by using a stand-alone external
ADC device, an external MCU that has internal ADC
features, or an external MCU that has no ADC features
but instead uses firmware. The RSSIFET is used to
discharge any external charge on the LFDATA pin in
the RSSI Output mode. The MOSFET can be turned on
or off with bit RSSIFET<8> of Configuration Register 2
(Register 5-3). When it is turned on, the internal
MOSFET provides a discharge path for the external
capacitor that is connected at the LFDATA pin. This
MOSFET option is valid only if RSSI output is selected
and not controllable by users for demodulated or carrier
clock output options.
See separate application notes for various external ADC
implementation methods for this device.
See Figure 5-8 for RSSI output path.
5.30
C
onfiguration Registers
5.30.1
SPI COMMUNICATION
The SPI communication is used to read from or write to
the Configuration registers and to send command-only
messages.
Three
pins
are
used
for
SPI
communication: CS, SCLK/ALERT, and LFDATA/RSSI/
CCLK/SDIO. Figure 5-9, Figure 5-10 and Figure 5-11
show examples of the SPI communication sequences.
When these pins are connected to the external MCU
I/O pins, the following are needed:
CS
• Pin is permanently an input with an internal pull-up.
SCLK/ALERT
• Pin is an open collector output when CS is high.
An internal pull-up resistor exists to ensure no
spurious SPI communication between powering
and the MCU configuring its pins. This pin
becomes the SPI clock input when CS is low.
LFDATA/CCLK/SDIO
• Pin is a digital output (LFDATA) so long as CS is
high. During SPI communication, the pin is the
SPI data input (SDI) unless performing a register
Read, where it will be the SPI data output (SDO).
Note:
The pull-down MOSFET option is valid
only when the RSSI output is selected.
The MOSFET is not controllable by users
when demodulated or carrier clock output
option is selected.
RSSI Output Current
Generator
VDD
MOSFET (controlled
RSSI Pull-down
Current Output
LFDATA/CCLK Pin
RSSIFET(1)
Off
if RSSI active
RSSI Pin
Note 1:
The RSSIFET is used to discharge any
external capacitor that is connected at
the LFDATA pin.
by Config. 2, bit 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com