Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 49 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 49 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 45Page - Microchip Technology EMC2103 Datasheet HTML 46Page - Microchip Technology EMC2103 Datasheet HTML 47Page - Microchip Technology EMC2103 Datasheet HTML 48Page - Microchip Technology EMC2103 Datasheet HTML 49Page - Microchip Technology EMC2103 Datasheet HTML 50Page - Microchip Technology EMC2103 Datasheet HTML 51Page - Microchip Technology EMC2103 Datasheet HTML 52Page - Microchip Technology EMC2103 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 49
The REC Configuration Register determines whether Resistance Error Correction is used for each
external diode channel.
Bit 2 - REC3 (EMC2102-2 and EMC2103-4 only) - Controls the Resistance Error Correction
functionality of External Diode 3 (if enabled)
‘0’ - the REC functionality for External Diode 3 is disabled
‘1’ (default) - the REC functionality for External Diode 3 is enabled.
Bit 1 - REC2 (EMC2103-2 and EMC2103-4 only) - Controls the Resistance Error Correction
functionality of External Diode 2. If External Diode 2 is selected as the hardware shutdown channel
then this bit is read only and determined by the SHDN_SEL pin (see Section 5.1.1).
‘0’ - the REC functionality for External Diode 2 is disabled
‘1’ - the REC functionality for External Diode 2 is enabled.
Bit 0 - REC1 - Indicates the Resistance Error Correction functionality of External Diode 1. If External
Diode 1 is selected as the hardware shutdown channel then this bit is read only and determined by
the SHDN_SEL pin (see Section 5.1.1).
‘0’ - the REC functionality for External Diode 1 is disabled
‘1’ - the REC functionality for External Diode 1 is enabled.
The REC Configuration Register is software locked.
6.9
Critical Temperature Limit Registers
The Critical Temperature Limit Registers store the Critical Temperature Limit. At power up, none of the
respective channels are linked to the SYS_SHDN pin or the Hardware set Thermal/Critical Shutdown
circuitry.
Whenever one of the registers is updated, two things occur. First, the register is locked so that it cannot
be updated again without a power on reset. Second, the respective temperature channel is linked to
the SYS_SHDN pin and the Hardware set Thermal/Critical Shutdown Circuitry. At this point, if the
measured temperature channel exceeds the Critical limit, the SYS_SHDN pin will be asserted, the
appropriate bit set in the Tcrit Status Register, and the TCRIT bit in the Interrupt Status Register will
be set.
Table 6.14 Critical Temperature Limit Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
19h
R/W
once
External Diode
1 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Ah
R/W
once
External Diode
2 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Bh
R/W
once
External Diode
3 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Dh
R/W
once
Internal Diode
Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com