Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 54 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 54 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 50Page - Microchip Technology EMC2103 Datasheet HTML 51Page - Microchip Technology EMC2103 Datasheet HTML 52Page - Microchip Technology EMC2103 Datasheet HTML 53Page - Microchip Technology EMC2103 Datasheet HTML 54Page - Microchip Technology EMC2103 Datasheet HTML 55Page - Microchip Technology EMC2103 Datasheet HTML 56Page - Microchip Technology EMC2103 Datasheet HTML 57Page - Microchip Technology EMC2103 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 54
 2013 Microchip Technology Inc.
Bit 1- FAN_SPIN - This bit is asserted ‘1’ if the Spin up Routine for the Fan cannot detect a valid
tachometer reading within its maximum time window. This bit can be masked from asserting the ALERT
pin.
Bit 0 - FAN_STALL - This bit is asserted ‘1’ if the tachometer measurement on the Fan detects a stalled
fan. This bit can be masked from asserting the ALERT pin.
6.15
Interrupt Enable Register
The Interrupt Enable Register controls the masking for each temperature channel. When a channel is
masked, it will not cause the ALERT pin to be asserted when an error condition is detected.
Bit 3 - EXT3_INT_EN (EMC2103-2 and EMC2103-4 only) - Allows the External Diode 3 to assert the
ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with External
Diode 3 channel.
‘1’ - The ALERT pin will be asserted for an error condition associated with External Diode 3
channel.
Bit 2 - EXT2_INT_EN (EMC2103-2 and EMC2103-4 only) - Allows the External Diode 2 to assert the
ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with External
Diode 2 channel.
‘1’ - The ALERT pin will be asserted for an error condition associated with External Diode 2
channel.
Bit 1 - EXT1_INT_EN - Allows the External Diode 1 to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with External
Diode 1 channel.
‘1’ - The ALERT pin will be asserted for an error condition associated with External Diode 1
channel.
Bit 0 - INT_INT_EN - Allows the Internal Diode to assert the ALERT pin.
‘0’ (default) - The ALERT pin will not be asserted for any error condition associated with the Internal
Diode.
‘1’ - The ALERT pin will be asserted for an error condition associated with the Internal Diode.
6.16
Fan Interrupt Enable Register
Table 6.22 Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
28
R/W
Interrupt
Enable
--
-
-
EXT3_I
NT_EN
EXT2_I
NT_EN
EXT1_I
NT_EN
INT_IN
T_EN
00h
Table 6.23 Fan Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
29
R/W
Fan
Interrupt
Enable
--
-
-
-
-
SPIN_
INT_EN
STALL_
INT_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com