Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 52 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 52 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 48Page - Microchip Technology EMC2103 Datasheet HTML 49Page - Microchip Technology EMC2103 Datasheet HTML 50Page - Microchip Technology EMC2103 Datasheet HTML 51Page - Microchip Technology EMC2103 Datasheet HTML 52Page - Microchip Technology EMC2103 Datasheet HTML 53Page - Microchip Technology EMC2103 Datasheet HTML 54Page - Microchip Technology EMC2103 Datasheet HTML 55Page - Microchip Technology EMC2103 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
DS0005250A-page 52
 2013 Microchip Technology Inc.
The Configuration 2 Register is software locked.
6.12
Interrupt Status Register
The Interrupt Status Register reports the operating condition of the EMC2103. If any of the bits are set
to a logic ‘1’ (other than HWS) then the ALERT pin will be asserted low if the corresponding channel
is enabled. Reading from the status register clears all status bits if the error conditions is removed. If
there are no set status bits, then the ALERT pin will be released.
The bits that cause the ALERT pin to be asserted can be masked based on the channel they are
associated with unless stated otherwise.
Bit 7 - EEPROM (EMC2103-4 only) - This bit is set to ‘1’ if the EEPROM loader circuitry detects an
error when writing data from the EEPROM. This bit is cleared when the register is read. This bit is not
masked except via the MASK bit.
Bit 5 - TCRIT - This bit is set to ‘1’ if any bit in the Tcrit Status Register is set. This bit is automatically
cleared when the Tcrit Status Register is read and the bits are cleared.
Bit 4 - GPIO (EMC2103-2 and EMC2103-4 only) - This bit is set to ‘1’ if any bit in the GPIO Status
Register is set. This bit is automatically cleared when the GPIO Status Register is read.
Bit 3 - FAN - This bit is set to ‘1’ if any bit in the Fan Status Register is set. This bit is automatically
cleared when the Fan Status Register is read and the bits are cleared.
Bit 2 - HIGH - This bit is set to ‘1’ if any bit in the High Status Register is set. This bit is automatically
cleared when the High Status Register is read and the bits are cleared.
Bit 1- LOW - This bit is set to ‘1’ if any bit in the Low Status Register is set. This bit is automatically
cleared when the Low Status Register is read and the bits are cleared.
Bit 0 - FAULT - This bit is set to ‘1’ if any bit in the Diode Fault Register is set. This bit is automatically
cleared when the Diode Fault Register is read and the bits are cleared.
Table 6.18 Conversion Rate
CONV[1:0]
CONVERSION RATE
10
0
0
1 / sec
0
1
2 / sec
1
0
4 / sec (default)
1
1
Continuous
Table 6.19 Interrupt Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
23h
R-C
Interrupt
Status
Register
EEP
ROM
-
TCRIT
GPIO
FAN
HIGH
LOW
FAULT
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com