Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 67 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 67 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 63Page - Microchip Technology EMC2103 Datasheet HTML 64Page - Microchip Technology EMC2103 Datasheet HTML 65Page - Microchip Technology EMC2103 Datasheet HTML 66Page - Microchip Technology EMC2103 Datasheet HTML 67Page - Microchip Technology EMC2103 Datasheet HTML 68Page - Microchip Technology EMC2103 Datasheet HTML 69Page - Microchip Technology EMC2103 Datasheet HTML 70Page - Microchip Technology EMC2103 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 67
The Look Up Table Registers hold the 40 entries of the Look Up Table that controls the drive of the
PWM. As the temperature channels are updated, the measured value for each channel is compared
against the respective entries in the Look Up Table and the associated drive setting is loaded into an
internal shadow register and stored.
The bit weighting for temperature inputs represents °C and is compared against the measured data.
Note that the LUT entry does not include a sign bit. The Look Up Table does not support negative
temperature values and the MSBit should not be set for a temperature input.
Each temperature channel threshold shares the same hysteresis value. When the measured
temperature for any of the channels meets or exceeds the programmed threshold, the drive setting
associated with that threshold is used. The temperature must drop below the threshold minus the
hysteresis value before the drive setting will be set to the previous value.
If the RPM based Fan Speed Control Algorithm is used, the TACH Target is updated after every
conversion. It is always set to the minimum TACH Target that is stored by the Look Up Table. The
PWM duty cycle is updated based on the RPM based Fan Speed Control Algorithm configuration
settings.
If the RPM based Fan Speed Control Algorithm is not used, then the PWM duty cycle is updated after
every conversion. It is set to the maximum duty cycle that is stored by the Look Up Table.
52h
R/W
LUT Ext
Diode 1
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
53h
R/W
LUT Ext
Diode 2
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
54h
R/W
LUT Temp 3
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
55h
R/W
LUT Temp 4
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
74h
R/W
LUT Drive
Setting 8
‘0’
4096
2048
1024
512
256
128
64
32
92h
‘1’
128
64
32
16
8
4
2
1
75h
R/W
LUT Ext
Diode 1
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
76h
R/W
LUT Ext
Diode 2
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
77h
R/W
LUT Temp 3
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
78h
R/W
LUT Temp 4
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
79h
R/W
LUT Temp
Hysteresis
X
-
-
-
16
8
4
2
1
0Ah
Table 6.50 Look Up Table Registers (continued)
ADDR
R/W
REGISTER
RPM /
PWM
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com