Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 13 Page - Microchip Technology

Part # EMC2103
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2103 Datasheet(HTML) 13 Page - Microchip Technology

Back Button EMC2103 Datasheet HTML 9Page - Microchip Technology EMC2103 Datasheet HTML 10Page - Microchip Technology EMC2103 Datasheet HTML 11Page - Microchip Technology EMC2103 Datasheet HTML 12Page - Microchip Technology EMC2103 Datasheet HTML 13Page - Microchip Technology EMC2103 Datasheet HTML 14Page - Microchip Technology EMC2103 Datasheet HTML 15Page - Microchip Technology EMC2103 Datasheet HTML 16Page - Microchip Technology EMC2103 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
RPM-Based Fan Controller with Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS0005250A-page 13
Chapter 3 Electrical Characteristics
Note: Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied. When powering this device from
laboratory or system power supplies, it is important that the Absolute Maximum Ratings not be
exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
Note: All voltages are relative to ground.
Note 3.1
For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed
3.6V when the EMC2103 is unpowered.
Note:
JA numbers are based on a recommended four 12 mil vias connecting the thermal pad to PCB
ground.
Table 3.1 Absolute Maximum Ratings
Voltage on 5V tolerant pins (V5VT_pin)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 3.1)
-0.3 to 3.6
V
Voltage on VDD pin
-0.3 to 4
V
Voltage on any other pin to GND
-0.3 to VDD + 0.3
V
Package Power Dissipation
0.8W up to TA = 85°C
W
Junction to Ambient (
JA)
50
°C/W
Operating Ambient Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com