Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 9Page - STMicroelectronics STV9118 Datasheet HTML 10Page - STMicroelectronics STV9118 Datasheet HTML 11Page - STMicroelectronics STV9118 Datasheet HTML 12Page - STMicroelectronics STV9118 Datasheet HTML 13Page - STMicroelectronics STV9118 Datasheet HTML 14Page - STMicroelectronics STV9118 Datasheet HTML 15Page - STMicroelectronics STV9118 Datasheet HTML 16Page - STMicroelectronics STV9118 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
STV9118
13/46
Note 10: Value of acceptable cumulated parasitic load resistance due to humidity, AGC storage capacitor leakage, etc.,
for less than 1% of
Vamp change.
Note 11: The threshold for VVOB is generated internally and routed to VOscF pin. Any DC current on this pin will
influence the value of VVOB.
Note 12: Maximum of deviation from an ideally linear sawtooth ramp at null
SCOR (Sad09 at x0000000b) and null
CCOR (Sad0A at x1000000b). The same rate applies to V-drive signal on VOut pin.
Note 13: Maximum
SCOR (Sad09 at x1111111b), null CCOR (Sad0A at x1000000b).
Note 14: Null
SCOR (Sad09 at x0000000b).
Note 15: "tVR" is time from the beginning of vertical ramp of V-drive signal on VOut pin. "TVR" is duration of this ramp, see
chapter TYPICAL OUTPUT WAVEFORMS and Figure 13.
Note 16: VVOamp = VVOT -VVOB
Note 17: The same rate applies to V-drive signal on VOut pin.
Note 18: Informative, not tested on each unit.
tVODis
Sawtooth Discharge time
CVCap=150nF
80
µs
fVO(0)
Free-running frequency
CVCap=150nF
100
Hz
fVOCapt
AGC loop capture frequency
CVCap=150nF
50
185
Hz
Sawtooth non-linearity(12)
AGC loop stabilized, (12)
0.5
%
S-correction range
AGC loop stabilized, (13)
tVR=1/4 TVR
(15)
tVR=3/4 TVR
-5
+5
%
%
C-correction range
AGC loop stabilized, (14)
tVR=1/2 TVR
(15)
CCOR(Sad0A):
x0000000b
x1000000b
x1111111b
-3
0
+3
%
%
%
Frequency drift of sawtooth
amplitude(17)(18)
AGC loop stabilized
fVOCapt(min)fVOfVOCapt(max)
200
ppm/
Hz
Vertical output drive signal (on pin VOut);VRefO = 8V
Vmid(VOut)
Middle point on VOut sawtooth
VPOS (Sad08):
x0000000b
x1000000b
x1111111b
3.65
3.2
3.5
3.8
3.3
V
V
V
Vamp
Amplitude of VOut sawtooth
(peak-to-peak voltage)
VSIZE (Sad07):
x0000000b
x1000000b
x1111111b
3.5
2.25
3.0
3.75
2.5
V
V
V
VoffVOut
Level on VOut pin at V-drive "off" I2Cbit
VOutEn at 0
3.8
V
IVOut
Current delivered by VOut out-
put
-5
5
mA
VVEHT
Control input voltage range on
VEHTIn pin
1
VRefO
V
Breathing compensation
VVEHT>VRefO
VVEHT(min)VVEHTVRefO
0
2.5
%/V
%/V
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
V
VO dev
V
VO amp 16
()
---------------------------------
V
VO S
cor
V
VO amp
--------------------------------
V
VO C
cor
V
VO amp
--------------------------------
V
VO amp
V
VO am p
f
VO
-----------------------------------------
V
am p
V
am p
V
VEHT
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com