Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 18Page - STMicroelectronics STV9118 Datasheet HTML 19Page - STMicroelectronics STV9118 Datasheet HTML 20Page - STMicroelectronics STV9118 Datasheet HTML 21Page - STMicroelectronics STV9118 Datasheet HTML 22Page - STMicroelectronics STV9118 Datasheet HTML 23Page - STMicroelectronics STV9118 Datasheet HTML 24Page - STMicroelectronics STV9118 Datasheet HTML 25Page - STMicroelectronics STV9118 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
STV9118
22/46
Note 44: With exception of
HDUTY and BREF adjustments data that can take effect instantaneously if switches
HDutySyncV and B+SyncV are at 0 respectively.
Note 45: In Read Mode, the device always outputs data of the status register, regardless of sub address previously
selected.
Note 46: The TV, TH, TVM and THM bits are for testing purposes and must be kept at 0 by application.
Description of I2C Bus switches and flags
Write-to bits
Sad00/D7 - HDutySyncV
Synchronization of internal application of Hori-
zontal Duty cycle data, buffered in I2C Bus latch,
with internal discharge of Vertical oscillator
0: Asynchronous mode, new data applied
with ACK bit of I2C Bus transfer on this sub
address
1: Synchronous mode
Sad02/D7 - HMoiré
Horizontal Moiré characteristics
0: Adapted to an architecture with EHT gener-
ated in deflection section
1: Adapted to an architecture with separated
deflection and EHT sections
Sad03/D7 - B+SyncV
Same as HDutySyncV, applicable for B+ refer-
ence data
Sad07/D7 - BOutPh
Phase of start of B+ drive signal on BOut pin
0: Just after horizontal flyback pulse
1: With one of edges of line drive signal on
HOut pin, selected by BOHEdge bit
Sad08/D7 - EWTrHFr
Tracking of all corrections contained in wave-
form on pin EWOut with Horizontal Frequency
0: Not active
1: Active
Sad15/D7 - VDyCorPol
Polarity of Vertical Dynamic Correction wave-
form (parabola)
0: Concave (minimum in the middle of the pa-
rabola)
1: Convex (maximum in the middle of the pa-
rabola)
Sad16/D0 - HLockEn
Enable of output of Horizontal PLL1 Lock/unlock
status signal on pin HLckVBk
0: Disabled, vertical blanking only on the pin
HLckVBk
1: Enabled
12
Reserved
PARAL
(Parallelogram correction)
1
000
00
0
13
Reserved
14
Reserved
15
VDyCorPol
0: ”
∪"
VDC-AMP
(Vertical dynamic correction amplitude)
1
000
00
0
16
XRayReset
0: No effect
1: Reset
VSyncAuto
1: On
VSyncSel
0:Comp
1:Sep
SDetReset
0: No effect
1: Reset
HMoiMode
0: Internal
1: External
PLL1Pump
1: Fast
0: Slow
PLL1InhEn
1: On
HLockEn
1: On
17
TV
0: Off
(46)
TH
0: Off(46)
TVM
0: Off(46)
THM
0: Off(46)
BOHEdge
0: Falling
HBOutEn
0: Disable
VOutEn
0: Disable
BlankMode
1: Perm.
READ MODE (SLAVE ADDRESS = 8D)
XX
(45)
HLock
0: Locked
1: Not locked
VLock
0: Locked
1: Not lock.
XRayAlarm
1: On
0: Off
Polarity detection
Sync detection
HVPol
1: Negative
VPol
1: Negative
VExtrDet
0: Not det.
HVDet
0: Not det.
VDet
0: Not det.
Sad
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com