Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9118 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 26Page - STMicroelectronics STV9118 Datasheet HTML 27Page - STMicroelectronics STV9118 Datasheet HTML 28Page - STMicroelectronics STV9118 Datasheet HTML 29Page - STMicroelectronics STV9118 Datasheet HTML 30Page - STMicroelectronics STV9118 Datasheet HTML 31Page - STMicroelectronics STV9118 Datasheet HTML 32Page - STMicroelectronics STV9118 Datasheet HTML 33Page - STMicroelectronics STV9118 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
STV9118
30/46
The behaviour of horizontal moiré is to be opti-
mised for different deflection design configurations
using HMoiré I2C bus bit. This bit is to be kept at 0
for common architecture (B+ and EHT common
regulation) and at 1 for separated architecture (B+
and EHT each regulated separately).
Figure 10. Control of HOut and BOut at start/stop at nominal Vcc
10.4 - VERTICAL SECTION
10.4.1 - General
The goal of the vertical section is to drive vertical
deflection output stage. It delivers a sawtooth
waveform with an amplitude independent of de-
flection frequency, on which vertical geometry cor-
rections of C- and S-type are superimposed (see
chapter TYPICAL OUTPUT WAVEFORMS).
Block diagram is in Figure 11. The sawtooth is ob-
tained by charging an external capacitor on pin
VCap with controlled current and by discharging it
via transistor Q1. This is controlled by the CON-
TROLLER. The charging starts when the voltage
across the capacitor drops below VVOB threshold.
The discharging starts either when it exceeds VVOT
threshold or a short time after arrival of synchroni-
zation pulse. This time is necessary for the AGC
loop to sample the voltage at the top of the saw-
tooth. The VVOB reference is routed out onto VO-
scF pin in order to allow for further filtration.
The charging current influences amplitude and
shape of the sawtooth. Just before the discharge,
the voltage across the capacitor on pin VCap is
sampled and stored on a storage capacitor con-
nected on pin VAGCCap. During the following ver-
tical period, this voltage is compared to internal
reference REF (VVOT), the result thereof control-
ling the gain of the transconductance amplifier pro-
viding the charging current. Speed of this AGC
loop depends on the storage capacitance on pin
VAGCCap. The VLock I2C bus flag is set to 1
when the loop is stabilized, i.e. when the voltage
on pin VAGCCap matches VVOT value. On the
screen, this corresponds to stabilized vertical size
of picture. After a change of frequency on the
sync. input, the stabilization time depends on the
frequency difference and on the capacitor value.
The lower its value, the shorter the stabilization
time, but on the other hand, the lower the loop sta-
bility. A practical compromise is a capacitance of
470nF. The leakage current of this capacitor re-
sults in difference in amplitude between low and
high frequencies. The higher its parallel resistance
RL(VAGCCap), the lower this difference.
When the synchronization pulse is not present, the
charging current is fixed. As a consequence, the
free-running frequency fVO(0) only depends on the
value of the capacitor on pin VCap. It can be
roughly calculated using the following formula
fVO(0) =
t
V(HPosF)
Soft start
Soft stop
Normal operation
Start
HOut
Start
BOut
Stop
HOut
Stop
BOut
HOut
H-duty cycle
BOut
B-duty cycle
100%
0%
VHOn
VBOn
VHBNorm
VHPosMax
VHPosMin
HPOS (I2C)
range
minimum value
maximum value
C(VCap)
. 100Hz
150nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com